Electronic Components Datasheet Search
  English  ▼

X  

TMC2250A Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # TMC2250A
Description  Matrix Multiplier 12 x 10 bit, 50 MHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2250A Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  TMC2250A Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC2250A Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC2250A Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC2250A Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC2250A Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2250A Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2250A Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2250A Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2250A Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TMC2250A
PRODUCT SPECIFICATION
REV. 1.0.2 10/25/00
3
Table 2. Bit Weightings for Input and Output Data Words
Note: A minus sign indicates a two’s complement sign bit.
Bit Weights
211
210
29
28
27
26
25
24
23
22
21
20 .2-1 2-2 2-3 2-4 2-5 2-6 2-7 2-8 2-9
Inputs
All Modes
Data A, B, C
-I11
I10
I9
I8
I7
I6
I5
I4
I3
I2
I1
I0 .
Coefficients
KA, KB, KC
-K9 .K8 K7 K6 K5 K4 K3 K2 K1 K0
Modes 01,
10, 11 CASIN
-CI15 CI14 CI13 CI12 CI11 CI10 CI9 CI8 CI7 CI6 CI5 CI4 .CI3 CI2 CI1 CI0
Internal Sum
X20 X19 X18 X17 X16 X15 X14 X13 X12 X11 X10 X9 .X8 X7 X6 X5 X4 X3 X2 X1 X0
Outputs
Mode 00
X, Y, Z
-O11 O10 O9
O8
O7
O6 O5 O4 O3 O2 O1 O0 .
Modes 01,
10, 11
CASOUT
-
CO15
CO1
4
CO1
3
CO1
2
CO1
1
CO1
0
CO
9
CO
8
CO
7
CO
6
CO
5
CO4 .CO
3
CO
2
CO
1
CO
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com