Electronic Components Datasheet Search
  English  ▼

X  

TMC3033 Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # TMC3033
Description  Triple Video D/A Converter 10 bit, 80 Msps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC3033 Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button TMC3033 Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 12Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PRODUCT SPECIFICATION
TMC3033
9
Applications Discussion
Figure 4 illustrates a typical TMC3033 interface circuit.
In this example, an optional 1.2 Volt bandgap reference is
connected to the VREF output, overriding the internal volt-
age reference source.
Grounding
It is important that the TMC3033 power supply is well-
regulated and free of high-frequency noise. Careful power
supply decoupling will ensure the highest quality video sig-
nals at the output of the circuit. The TMC3033 has separate
analog and digital circuits. To keep digital system noise from
the D/A converter, it is recommended that power
supply voltages (VDD) come from the system analog power
source and all ground connections (GND) be made to the
analog ground plane. Power supply pins should be individu-
ally decoupled at the pin.
Printed Circuit Board Layout
Designing with high-performance mixed-signal circuits
demands printed circuits with ground planes. Overall
system performance is strongly influenced by the board lay-
out. Capacitive coupling from digital to analog circuits may
result in poor D/A conversion. Consider the following
suggestions when doing the layout:
1.
Keep the critical analog traces (VREF, IREF, COMP,
IOR, IOG, IOB) as short as possible and as far as possi-
ble from all digital signals. The TMC3033 should be
located near the board edge, close to the analog output
connectors.
2.
The power plane for the TMC3033 should be separate
from that which supplies the digital circuitry. A single
power plane should be used for all of the VDD pins. If
the power supply for the TMC3033 is the same as that of
the system's digital circuitry, power to the TMC3033
should be decoupled with 0.1
µF and 0.01µF capacitors
and isolated with a ferrite bead.
3.
The ground plane should be solid, not cross-hatched.
Connections to the ground plane should have very short
leads.
4.
If the digital power supply has a dedicated power plane
layer, it should not be placed under the TMC3033, the
voltage reference, or the analog outputs. Capacitive cou-
pling of digital power supply noise from this layer to the
TMC3033 and its related analog circuitry can have an
adverse effect on performance.
5.
CLK should be handled carefully. Jitter and noise on
this clock will degrade performance. Terminate the
clock line carefully to eliminate overshoot and ringing.
Related Products
• TMC3503 Triple 8-bit 80 Msps D/A Converters
• TMC1175A 40 Msps CMOS 8-bit A/D Converter
• TMC1275 40 Msps CMOS 8-bit A/D Converter
• TMC22091, TMC22191 Digital Video Encoders
• TMC2242C/TMC2243/TMC2246A Video Filters
• TMC2249A Digital Mixer
• TMC2250A Matrix Multiplier
• TMC2272A Colorspace Converter
• TMC2302 Image Manipulation Sequencer
• TMC2340A Digital Synthesizer
• TMC2081 Digital Video Mixer
Figure 4. Typical Interface Circuit
65-3033-04
R9-0
G9-0
B9-0
+3.3V
0.1
µF
10
µF
VDD
GND
TMC3033
Triple 10-bit
D/A Converter
CLK
SYNC
BLANK
RED PIXEL
INPUT
GREEN PIXEL
INPUT
BLUE PIXEL
INPUT
CLOCK
SYNC
BLANK
COMP
VREF
RREF
+3.3V
0.1
µF
0.1
µF
572
Ω
3.3k
Ω
LM185-1.2
(Optional)
IOR
IOG
IOB
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
ZO=75Ω
ZO=75Ω
ZO=75Ω
Red
Green
Blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com