Electronic Components Datasheet Search
  English  ▼

X  

TMC22071A Datasheet(PDF) 13 Page - Cadeka Microcircuits LLC.

Part # TMC22071A
Description  Genlocking Video Digitizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC22071A Datasheet(HTML) 13 Page - Cadeka Microcircuits LLC.

Back Button TMC22071A Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC22071A Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC22071A Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC22071A Datasheet HTML 12Page - Cadeka Microcircuits LLC. TMC22071A Datasheet HTML 13Page - Cadeka Microcircuits LLC. TMC22071A Datasheet HTML 14Page - Cadeka Microcircuits LLC. TMC22071A Datasheet HTML 15Page - Cadeka Microcircuits LLC. TMC22071A Datasheet HTML 16Page - Cadeka Microcircuits LLC. TMC22071A Datasheet HTML 17Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
PRODUCT SPECIFICATION
TMC22071A
13
Equivalent Circuits and Transition Levels
Figure 12. Equivalent PFD IN Circuit
Figure 13. Equivalent DDS OUT Circuit
Figure 14. Equivalent Digital Input Circuit
Figure 15. Equivalent Digital Output Circuit
Figure 16. Transition Levels for Three-State Measurements
VDD
VDD
n Substrate
65-22071-14
2k
½
pp
PFD IN
CBYP
+2.4 V
+
–
VDD
VDD
DDS OUT
65-22071-15
150
½
np
n Substrate
p
n
Input
65-22071-16
VDD
VDD
Output
65-22071-17
p
n
CS
tDOM
tDOZ
tHOM
0.5 V
65-22071-18
0.5 V
2.0 V
0.8 V
Hi-Z
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com