Electronic Components Datasheet Search
  English  ▼

X  

2800 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2800
Description  200 MHz bandpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2800 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2800 Datasheet HTML 1Page - KR Electronics, Inc. 2800 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2007, KR Electronics, Inc.
CH1
S 21
log MAG
1 dB/
REF -4 dB
CENTER 200.000 000 MHz
SPAN
8.000 000 MHz
Cor
PRm
CH2
S 21
delay
REF 80 ns
10 ns/
Cor
Smo
PRm
9 Oct 2007 15:51:58
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
START 100.000 000 MHz
STOP 1 000.000 000 MHz
Cor
PRm
9 Oct 2007 15:54:19
KR Electronics
KR 2800 is a 200 MHz bandpass filter. The filter has a 6 MHz
3 dB bandwidth and is designed for 50
Ω source and load imped-
ance. Other passband frequencies, bandwidths and impedances
are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• 200 MHz Bandpass
• 50 Ω
• DIP Package
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div & 10 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2800

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
2800 SYSTEMSENSOR-2800 Datasheet
514Kb / 2P
2-Wire Systems Detectors
logo
Murata Power Solutions ...
2800 MURATA-PS-2800 Datasheet
280Kb / 3P
Bobbin Wound Surface Mount Inductors
logo
Schneider Electric
2800 SCHNEIDER-2800 Datasheet
79Kb / 1P
Magnetic flowtube, Flow, Hart
Apr 26, 2022
logo
Heyco.
2800 HEYCO-2800 Datasheet
102Kb / 1P
Shorty Bushings
logo
Weller Tools
2800 WELLER-2800 Datasheet
1Mb / 2P
Side cutter - tapered head
More results

Similar Description - 2800

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
TriQuint Semiconductor
855625 TRIQUINT-855625_15 Datasheet
68Kb / 1P
190 MHz Bandpass Filter 200 kHz Bandwidth
logo
KR Electronics, Inc.
2800-SMA KR-2800-SMA Datasheet
81Kb / 3P
200 MHz Bandpass Filter
3259-200 KR-3259-200 Datasheet
71Kb / 3P
200 MHz Bandpass Filter
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
2924-SMA KR-2924-SMA Datasheet
99Kb / 3P
70 MHz Bandpass Filter
3259-200-SMA KR-3259-200-SMA Datasheet
142Kb / 3P
200 MHz Bandpass Filter
3277-SMA KR-3277-SMA Datasheet
100Kb / 3P
70 MHz Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com