Electronic Components Datasheet Search
  English  ▼

X  

2812 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2812
Description  174 MHz lowpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2812 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2812 Datasheet HTML 1Page - KR Electronics, Inc. 2812 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH1
S 21
log MAG
.5 dB/
REF 0 dB
Cor
PRm
CH2
S 21
delay
REF 0 s
10 ns/
START
1.000 000 MHz
STOP 174.000 000 MHz
Cor
PRm
12 Jan 2008 13:10:37
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
CH1 START
1.000 000 MHz
STOP 3 000.000 000 MHz
Cor
PRm
12 Jan 2008 13:09:20
KR Electronics
KR 2812 is a 174 MHz lowpass filter. The filter has a minimum
50 dB of attenuation at 225 MHz. Other bandwidths available.
Please consult the factory.
General Description
KR Electronics, Inc.
Features
• Sharp Transition to Stopband
• >50 dB Stopband, 70 dB Typical
• 50 Ω Source and Load
• SMA Connectors
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(0.5 dB/div & 10 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2812

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
2812 SYSTEMSENSOR-2812 Datasheet
498Kb / 2P
4/6 Wire Ststems Dectectors
logo
List of Unclassifed Man...
28120 ETC2-28120 Datasheet
128Kb / 1P
Wiha Drive-Loc VI Blades
2812018 ETC2-2812018 Datasheet
77Kb / 7P
Basic terminal block with screw connection, for component and fuse connectors, cross section: 0.2 - 4 mm짼, AWG: 28 - 12, width: 6.2 mm, color: gray
logo
PHOENIX CONTACT
2812018 PHOENIX-2812018 Datasheet
125Kb / 6P
UK 4-TG
2812034 PHOENIX-2812034 Datasheet
121Kb / 6P
UK 4-TG-P/P
More results

Similar Description - 2812

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2403-S KR-2403-S Datasheet
42Kb / 3P
60 MHz Lowpass Filter
2978 KR-2978 Datasheet
95Kb / 3P
150 MHz Lowpass Filter
3007 KR-3007 Datasheet
91Kb / 3P
430 MHz Lowpass Filter
3007-SMA KR-3007-SMA Datasheet
65Kb / 3P
430 MHz Lowpass Filter
3018-2 KR-3018-2 Datasheet
52Kb / 3P
30 MHz Lowpass Filter
3202-2-BNC KR-3202-2-BNC Datasheet
57Kb / 3P
2 MHz Lowpass Filter
3253-201-LP-SMA KR-3253-201-LP-SMA Datasheet
82Kb / 3P
201 MHz Lowpass Filter
3271-BNC KR-3271-BNC Datasheet
50Kb / 3P
1 MHz Lowpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1836A TAI-SAW-TA1836A Datasheet
245Kb / 6P
SAW Filter 174 MHz
TA1836B TAI-SAW-TA1836B Datasheet
452Kb / 6P
SAW Filter 174 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com