Electronic Components Datasheet Search
  English  ▼

X  

2835 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 2835
Description  85 MHz differential notch filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2835 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  2835 Datasheet HTML 1Page - KR Electronics, Inc. 2835 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
© 2008, KR Electronics, Inc.
NOTES:
1. FILTER IS BI-DIRECTIONAL
2. ALL PINS ARE 0.030” DIA
3. DIMENSIONS ARE IN INCHES
Pin 1—IN
Pin 8—IN
Pin 4– OUT
Pin 5– OUT
Connect all remaining pins to GND (also connected to Case)
Parameter
Specification
Filter type
Notch
Notch Frequency
85 MHz
Attenuation at 70 MHz & 100 MHz
< 3 dB
Attenuation at 85 MHz
> 40 dB
Source and Load
100
Ω Differential
KR Electronics 2835
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com