Electronic Components Datasheet Search
  English  ▼

X  

2850 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 2850
Description  50 MHz surface mount bandpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2850 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  2850 Datasheet HTML 1Page - KR Electronics, Inc. 2850 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
© 2008, KR Electronics, Inc.
Parameter
Specification
Filter type
Bandpass
Center Frequency
50 MHz
1 dB Bandwidth
5 MHz min (18 MHz typical)
Source and Load
50
Ω
Attenuation at 30 MHz
50 dB min
Attenuation at 70 MHz
50 dB min
KR 2850 Bandpass
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Notes:
1.
Surface mount package — Metal cover, open frame
2.
Dimensions in inches
3.
Max reflow temperature 209° C for 10 sec
4.
If boards are cleaned after installation, units must be completely dried



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com