Electronic Components Datasheet Search
  English  ▼

X  

2852 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2852
Description  250 KHz elliptic type lowass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2852 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2852 Datasheet HTML 1Page - KR Electronics, Inc. 2852 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH1
S 21
log MAG
10 dB/
REF 0 dB
CH1 START
.030 000 MHz
STOP
.700 000 MHz
Cor
PRm
CH2
S 21
log MAG
REF 0 dB
.25 dB/
CH2 START
.030 000 MHz
STOP
.250 000 MHz
Cor
PRm
g
1
1
2
3
4
4_ -88.555 dB
.510 800 MHz
1_ -.3409 dB
250 kHz
2_ -58.99 dB
350 kHz
3_ -74.397 dB
357.4 kHz
2
4
4_:-.2781 dB
.250 000 MHz
KR Electronics
KR 2852 is a 250 KHz elliptic type lowass filter. The filter has a
minimum 3 dB bandwidth of 250 KHz. Other passband frequen-
cies are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• < 3 dB at 250 KHz
• > 50 dB at 350 KHz
• 200 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Overall Response
(0.25 dB/div and 10 dB/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax


Similar Part No. - 2852

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
2852 BURKERT-2852 Datasheet
814Kb / 10P
2-way proportional valve with pressure relief
20.02.2024
logo
Adafruit Industries
2852 ADAFRUIT-2852 Datasheet
90Kb / 2P
NeoPixel Ring - 12 x 5050 RGBW LEDs w/ Integrated Drivers - Natural White - ~4500K
logo
Wiha Tools
2852 WIHA-2852 Datasheet
66Kb / 1P
Torque screwdriver iTorque®
2852 S10 WIHA-2852 S10 Datasheet
66Kb / 1P
Torque screwdriver iTorque®
2852 S10-01 WIHA-2852 S10-01 Datasheet
66Kb / 1P
Torque screwdriver iTorque®
More results

Similar Description - 2852

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMF90 NSC-LMF90 Datasheet
411Kb / 22P
4th-Order Elliptic Notch Filter
logo
Integrated Circuit Syst...
SF0070CF51541T ICST-SF0070CF51541T Datasheet
189Kb / 2P
70 MHz Filter 250 kHz Bandwidth
Rev 1.0
SF0140CF51900T ICST-SF0140CF51900T Datasheet
190Kb / 2P
140 MHz Filter 250 kHz Bandwidth
Rev 1.1
logo
KR Electronics, Inc.
2839 KR-2839 Datasheet
59Kb / 3P
25 MHz elliptic bandpass filter
2914 KR-2914 Datasheet
62Kb / 2P
450 MHz elliptic type lowpass filter
3072 KR-3072 Datasheet
37Kb / 2P
100 KHz Highpass Filter Elliptic Type 40 dB min Rejection at 80 KHz SMA Connectors
logo
API Technologies Corp
SF0070CF51541T APITECH-SF0070CF51541T Datasheet
193Kb / 2P
70 MHz Filter 250 kHz Bandwidth
logo
KR Electronics, Inc.
2275-1.5 KR-2275-1.5 Datasheet
51Kb / 3P
KR 2275-1.5 is a 150 KHz elliptic type lowpass filter
2275-1.5-BNC KR-2275-1.5-BNC Datasheet
148Kb / 3P
KR 2275-1.5-BNC is a 150 KHz elliptic type lowpass filter
3373-250-SMA KR-3373-250-SMA Datasheet
111Kb / 2P
KR Electronics 3373-250-SMA is a 250 KHz notch filter.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com