Electronic Components Datasheet Search
  English  ▼

X  

2854 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2854
Description  360 MHz bandpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2854 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2854 Datasheet HTML 1Page - KR Electronics, Inc. 2854 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH1
S31
LOG
1 dB/
REF 0 dB
CENTER
360 . 000
000
MHz
SPAN
35 . 000
000
MHz
Cor
CH2
S31
DEL
5 ns/
REF 0 s
Cor
Smo
8 Sep 2008 12:34:37
CH1
S31
LOG
10 dB/
REF 0 dB
CENTER
360 . 000
000
MHz
SPAN
719 . 980
000
MHz
Cor
8 Sep 2008 12:35:14
KR Electronics
KR 2854 is a 360 MHz bandpass filter. The filter has a minimum
3 dB bandwidth of 35 MHz but is typically 95 MHz. Other cen-
ter frequencies and bandwidths available. Please consult the fac-
tory.
General Description
KR Electronics, Inc.
Features
• Sharp Transition to Stopband
• >40 dB Stopband
• 50 Ω Source and Load
• Surface Mount
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div & 5 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2854

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2854 POMONA-2854 Datasheet
26Kb / 1P
Panel Mount Banana Jack
2854 POMONA-2854 Datasheet
161Kb / 1P
Panel Mount Banana Jack
2016
logo
Heyco.
2854 HEYCO-2854 Datasheet
102Kb / 1P
Shorty Bushings
2854 HEYCO-2854 Datasheet
117Kb / 1P
Thin Panel Bushings
logo
Adafruit Industries
2854 ADAFRUIT-2854 Datasheet
91Kb / 2P
NeoPixel Ring - 16 x 5050 RGBW LEDs w/ Integrated Drivers - Warm White - ~3000K
More results

Similar Description - 2854

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB360EC TAI-SAW-TB360EC Datasheet
415Kb / 8P
SAW Filter 360 MHz SMD3.8x3.8 mm
TB0655A TAI-SAW-TB0655A Datasheet
354Kb / 7P
SAW Filter 360 MHz SMD 7.0mmx5.0mm
TE0113A TAI-SAW-TE0113A Datasheet
349Kb / 10P
Dual SAW Filter 360 / 380 MHz
logo
KR Electronics, Inc.
3218-360-SMA KR-3218-360-SMA Datasheet
98Kb / 3P
360 MHz Bandpass Filter
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
2924-SMA KR-2924-SMA Datasheet
99Kb / 3P
70 MHz Bandpass Filter
3280 KR-3280 Datasheet
70Kb / 3P
KR Electronics part number 3280 is a 360 MHz bandpass filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com