Electronic Components Datasheet Search
  English  ▼

X  

2855 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2855
Description  550 MHz to 900 MHz bandpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2855 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2855 Datasheet HTML 1Page - KR Electronics, Inc. 2855 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH1
S31
LOG
1 dB/
REF 0 dB
START
550
. 000
000
MHz
STOP
900
. 000
000
MHz
Cor
CH2
S31
DEL
5 ns/
REF 0 s
Cor
24 Sep 2008 12:27:48
CH1
S31
LOG
10 dB/
REF 0 dB
START
100
. 000
000
MHz
STOP
1
600
. 000
000
MHz
Cor
24 Sep 2008 12:29:25
KR Electronics
KR 2855 is a 550 MHz to 900 MHz bandpass filter. Other pass-
band frequencies are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• 725 MHz Center Frequency
• 550 MHz to 900 MHz Passband
• Sharp Transition to Stopband
• Surface Mount
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 5 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2855

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
2855 ADAFRUIT-2855 Datasheet
91Kb / 2P
NeoPixel Ring - 16 x 5050 RGBW LEDs w/ Integrated Drivers - Natural White - ~4500K
logo
Alpha Wire
2855-1 ALPHAWIRE-2855-1 Datasheet
405Kb / 4P
22 (SOLID) AWG Silver Plated Copper
logo
KR Electronics, Inc.
2855-SMA KR-2855-SMA Datasheet
99Kb / 3P
725 MHz Bandpass Filter
logo
Alpha Wire
2855/1 ALPHAWIRE-2855/1 Datasheet
405Kb / 4P
22 (SOLID) AWG Silver Plated Copper
logo
Wiha Tools
28550 WIHA-28550 Datasheet
2Mb / 20P
PROFESSIONAL TORQUE CONTROL
More results

Similar Description - 2855

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0909A TAI-SAW-TA0909A Datasheet
450Kb / 5P
SAW Filter 900 MHz
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
Spectrum Microwave, Inc...
SF0550BA03156S SPECTRUM-SF0550BA03156S Datasheet
141Kb / 3P
550 MHz SAW Filter 26 MHz Bandwidth
logo
API Technologies Corp
SF0550BA03156S APITECH-SF0550BA03156S Datasheet
141Kb / 3P
550 MHz SAW Filter 26 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA1354A TAI-SAW-TA1354A Datasheet
296Kb / 7P
SAW Filter 550 MHz
logo
KR Electronics, Inc.
3242-SMA KR-3242-SMA Datasheet
101Kb / 3P
900 MHz Bandpass Filter
3259-550 KR-3259-550 Datasheet
71Kb / 3P
550 MHz Bandpass Filter
3316-SMA KR-3316-SMA Datasheet
109Kb / 3P
550 MHz Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com