Electronic Components Datasheet Search
  English  ▼

X  

TK11070M Datasheet(PDF) 5 Page - TOKO, Inc

Part # TK11070M
Description  NEGATIVE SLOPE TEMPERATURE SENSOR IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11070M Datasheet(HTML) 5 Page - TOKO, Inc

  TK11070M Datasheet HTML 1Page - TOKO, Inc TK11070M Datasheet HTML 2Page - TOKO, Inc TK11070M Datasheet HTML 3Page - TOKO, Inc TK11070M Datasheet HTML 4Page - TOKO, Inc TK11070M Datasheet HTML 5Page - TOKO, Inc TK11070M Datasheet HTML 6Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
January 1999 TOKO, Inc.
Page 5
TK11070
2.2
2.6
TEMPERATURE RESPONSE B
TIME (s)
1.8
0
20
40
60
80
2.4
2.0
25 TO -30
°C
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
V
CC = 3 V, VCONT = 2.4 V, IOUT = 0 µA, TA = 25 °C, unless otherwise specified.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com