Electronic Components Datasheet Search
  English  ▼

X  

2858 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2858
Description  10 MHz bandpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2858 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2858 Datasheet HTML 1Page - KR Electronics, Inc. 2858 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH1
S31
LOG
1 dB/
REF 0 dB
Cor
CH2
S31
DEL
100 ns/
REF 500 ns
CENTER
10 . 000
000
MHz
SPAN
1 . 250
000
MHz
Cor
Smo
18 Sep 2008 13:50:21
CH1
S31
LOG
10 dB/
REF 0 dB
START
1 . 000
000
MHz
STOP
100 . 000
000
MHz
Avg
16
18 Sep 2008 14:10:58
KR Electronics
KR 2858 is a 10 MHz bandpass filter. The filter has a 1.05 MHz
min 3 dB bandwidth and is designed for 50
Ω source and load
impedance. Other passband frequencies, bandwidths and imped-
ances are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• 10 MHz Bandpass
• 50 Ω
• DIP Package
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div & 100 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2858

ManufacturerPart #DatasheetDescription
logo
Heyco.
2858 HEYCO-2858 Datasheet
113Kb / 1P
Shorty Universal Bushings
logo
Adafruit Industries
2858 ADAFRUIT-2858 Datasheet
96Kb / 2P
NeoPixel Jewel - 7 x 5050 RGBW LED w/ Integrated Drivers - Warm White - ~3000K
logo
PHOENIX CONTACT
2858014 PHOENIX-2858014 Datasheet
334Kb / 8P
PT 4X1-48DC-ST - Surge protection plug
2858030 PHOENIX-2858030 Datasheet
337Kb / 8P
PT 3-PB-ST - Surge protection plug
2858043 PHOENIX-2858043 Datasheet
783Kb / 9P
PT 3-HF-12DC-ST - Surge protection plug
More results

Similar Description - 2858

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
Spectrum Microwave, Inc...
SF00325BA02642S SPECTRUM-SF00325BA02642S Datasheet
176Kb / 3P
325 MHz SAW bandpass filter with 10 MHz bandwidth
SF0326BA03198S SPECTRUM-SF0326BA03198S Datasheet
222Kb / 3P
326.4 MHz SAW bandpass filter with 10 MHz bandwidth
logo
API Technologies Corp
SF00325BA02642S APITECH-SF00325BA02642S Datasheet
176Kb / 3P
325 MHz SAW bandpass filter with 10 MHz bandwidth
logo
KR Electronics, Inc.
2796-SMA KR-2796-SMA Datasheet
65Kb / 2P
10 MHz Bandpass
2589-N KR-2589-N Datasheet
58Kb / 3P
10 MHz Bandpass Filter
3158 KR-3158 Datasheet
65Kb / 3P
10 MHz Bandpass Filter
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com