Electronic Components Datasheet Search
  English  ▼

X  

TK11121M Datasheet(PDF) 5 Page - TOKO, Inc

Part # TK11121M
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11121M Datasheet(HTML) 5 Page - TOKO, Inc

  TK11121M Datasheet HTML 1Page - TOKO, Inc TK11121M Datasheet HTML 2Page - TOKO, Inc TK11121M Datasheet HTML 3Page - TOKO, Inc TK11121M Datasheet HTML 4Page - TOKO, Inc TK11121M Datasheet HTML 5Page - TOKO, Inc TK11121M Datasheet HTML 6Page - TOKO, Inc TK11121M Datasheet HTML 7Page - TOKO, Inc TK11121M Datasheet HTML 8Page - TOKO, Inc TK11121M Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
March 1999 TOKO, Inc.
Page 5
TK111xxM
TK111xxMIL ELECTRICAL CHARACTERISTICS TABLE 2
Test Conditions: V
IN = VOUT(TYP) + 1 V, IOUT = 30 mA, unless otherwise specified.
Room Temp. Range (T
A = 25 °C)
Full Temp. Range (T
A = -40 to +85 °C)
Output
Voltage
V
OUT(MIN)
V
OUT(MAX)
V
OUT(MIN)
V
OUT(MAX)
Voltage
Code
2.4 V
24
2.340 V
2.460 V
2.305 V
2.495 V
2.5 V
25
2.440 V
2.560 V
2.405 V
2.595 V
2.7 V
27
2.640 V
2.760 V
2.605 V
2.795 V
2.8 V
28
2.740 V
2.860 V
2.705 V
2.895 V
2.9 V
29
2.840 V
2.960 V
2.805 V
2.995 V
3.0 V
30
2.940 V
3.060 V
2.905 V
3.095 V
3.1 V
31
3.038 V
3.162 V
3.007 V
3.193 V
3.2 V
32
3.136 V
3.264 V
3.104 V
3.296 V
3.3 V
33
3.234 V
3.366 V
3.201 V
3.400 V
3.4 V
34
3.332 V
3.468 V
3.298 V
3.502 V
3.5 V
35
3.430 V
3.570 V
3.395 V
3.605 V
3.6 V
36
3.528 V
3.672 V
3.492 V
3.708 V
3.7 V
37
3.626 V
3.774 V
3.589 V
3.811 V
3.8 V
38
3.724 V
3.876 V
3.686 V
3.914 V
3.9 V
39
3.822 V
3.988 V
3.783 V
4.017 V
4.0 V
40
3.920 V
4.080 V
3.880 V
4.120 V
4.1 V
41
4.018 V
4.182 V
3.977 V
4.223 V
4.2 V
42
4.116 V
4.284 V
4.074 V
4.326 V
4.3 V
43
4.214 V
4.366 V
4.171 V
4.429 V
4.4 V
44
4.312 V
4.488 V
4.268 V
4.532 V
4.5 V
45
4.410 V
4.590 V
4.365 V
4.635 V
4.6 V
46
4.598 V
4.692 V
4.462 V
4.738 V
4.7 V
47
4.696 V
4.794 V
4.559 V
4.841 V
4.8 V
48
4.794 V
4.896 V
4.656 V
4.944 V
4.9 V
49
4.892 V
4.998 V
4.753 V
5.047 V
5.0 V
50
4.900 V
5.100 V
4.850 V
5.150 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com