Electronic Components Datasheet Search
  English  ▼

X  

8L01 Datasheet(PDF) 2 Page - RHOPOINT COMPONENTS

Part # 8L01
Description  Spartan DIP Reed Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

8L01 Datasheet(HTML) 2 Page - RHOPOINT COMPONENTS

  8L01 Datasheet HTML 1Page - RHOPOINT COMPONENTS 8L01 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RHOPOINT COMPONENTS LTD Email: sales@rhopointcomponents.com Web: www.rhopointcomponents.com
Model Number
8L01
8L02
8L21
8L41
Parameters
Test Conditions
Units
1 Form A
2 Form A
1 Form B
1 Form C
COIL SPECS.
Nom. Coil Voltage
VDC
5
12
24
5
12
24
5
12
24
5
12
24
Max. Coil Voltage
VDC
6.5
15
32
6.5
15
32
6.5
15
32
6.5
15
32
Coil Resistance
+/- 10%, 25° C
Ω
500 500 2150
200 500 2000
200 500 2000
200 500 2000
Operate Voltage
Must Operate by
VDC - Max.
3.8
9.6 19.2
3.8
9.6 19.2
3.8
9.6 19.2
3.8
9.6 19.2
Release Voltage
Must Release by
VDC - Min.
0.5
1.0
2.0
0.5
1.0
2.0
0.5
1.0
2.0
0.5
1.0
2.0
CONTACT RATINGS
Switching Voltage
Max DC/Peak AC Resist.
Volts
200200
200100
Switching Current
Max DC/Peak AC Resist.
Amps
0.5
0.5
0.5
0.25
Carry Current
Max DC/Peak AC Resist.
Amps
1.0
1.0
1.0
0.5
Contact Rating
Max DC/Peak AC Resist.
Watts
10
10
10
3
Life Expectancy-Typical
1
Signal Level 1.0V,10mA
x 10
6 Ops.
500500
500100
Static Contact Resistance
(max. init.)
50mV, 10mA
Ω
0.150
0.150
0.150
0.200
Dynamic Contact
Resistance (max. init.)
0.5V, 50mA
at 100 Hz, 1.5 msec
Ω
N/A
N/A
N/A
N/A
RELAY SPECIFICATIONS
Insulation Resistance
(minimum)
Between all Isolated Pins
at 100V, 25°C, 40% RH
Ω
x 10
10
x
10
10
x
10
9
x
10
9
Dielectric Strength
(minimum)
Between Contacts
Contacts to Shield
Contacts/Shield to Coil
VDC/peak AC
VDC/peak AC
VDC/peak AC
250
1500
1500
250
1500
1500
250
1500
1500
250
1500
1500
Operate Time - including
bounce - Typical
At Nominal Coil Voltage,
30 Hz Square Wave
msec.
0.5
0.5
0.5
1.0
Release Time - Typical
No Suppression
Diode Suppression
msec.
msec.
0.5
1.0
0.5
1.0
0.5
1.0
1.0
1.5
8L00 Series/Spartan DIP Reed Relays
Environmental Ratings
Storage Temp: -35 °C to +100 °C; Operating Temp: -20 °C to + 85 °C
The operate and release voltage and the coil resistance are specified at
25 °C. These values vary by approximately 0.4%/°C as the ambient
temperature varies.
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s
Notes:
1 Consult factory for life expectancy at other
switching loads.
2 Molded Depression on top of relay refers to
pin #1 location.
3 Optional coil suppression diode across pins
2(+) and 6(-).
4 Optional ES shield is tied to pins 9 and 13
Top View:
Dot stamped on top of relay refers to pin #1 location
Grid = .1"x.1" (2.54mm x 2.54mm)
2,3,4
2,3,4
2,3,4
2,3,4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com