Electronic Components Datasheet Search
  English  ▼

X  

IL485W Datasheet(PDF) 5 Page - RHOPOINT COMPONENTS

Part # IL485W
Description  Isolated RS485 Interface With Handshake
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

IL485W Datasheet(HTML) 5 Page - RHOPOINT COMPONENTS

  IL485W Datasheet HTML 1Page - RHOPOINT COMPONENTS IL485W Datasheet HTML 2Page - RHOPOINT COMPONENTS IL485W Datasheet HTML 3Page - RHOPOINT COMPONENTS IL485W Datasheet HTML 4Page - RHOPOINT COMPONENTS IL485W Datasheet HTML 5Page - RHOPOINT COMPONENTS IL485W Datasheet HTML 6Page - RHOPOINT COMPONENTS IL485W Datasheet HTML 7Page - RHOPOINT COMPONENTS IL485W Datasheet HTML 8Page - RHOPOINT COMPONENTS IL485W Datasheet HTML 9Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IL485W
5
Receiver Section
Electrical specifications are Tmin to Tmax and VDD = 4.5 V to = 5.5 V unless otherwise stated.
Parameters
Symbol
Min.
Typ.
(5)
Max.
Units
Test Conditions
Positive-going Input
Threshold Voltage
V
IT
+
0.2
V
V
O = 2.7 V,
I
O = −0.4 mA
Negative-going Input
Threshold Voltage
V
IT
-
−0.2
V
V
O = 0.5 V,
I
O = 8 mA
Hysteresis Voltage (V
IT
+ − VIT-)
V
HYS
60
mV
High Level Digital Output Voltage
V
OH
VDD − 0.2
V
V
ID = 200 mV
I
OH = −20 μA
Low Level Digital Output Voltage
V
OL
0.2
V
V
ID = −200 mV
I
OH = 20 μA
High-impedance-state output current
I
OZ
±20
μA
V
O = 0.4 to (VDD
2−0.5) V
Line Input Current
(8)
I
I
1
−0.8
mA
V
I = 12 V
V
I = −7 V
Other Input
(11) = 0 V
Input Resistance
r
I
12
20
kΩ
Supply Current
I
DD
2
27
34
mA
No load
Outputs Enabled
Switching Characteristics
Parameters
Symbol
Min.
Typ.
(5)
Max.
Units
Test Conditions
Maximum Data Rate
35
Mbps
R
L = 54 Ω, CL = 50 pF
Propagation Delay
(9)
t
PD
24
32
ns
V
O = −1.5 V to 1.5 V,
C
L = 15 pF
Pulse Skew
(10)
t
SK(P)
1
6
ns
V
O = −1.5 V to 1.5 V,
C
L = 15 pF
Skew Limit
(3)
t
SK(LIM)
2
8
ns
R
L = 54 Ω, CL = 50 pF
Output Enable Time To High Level
t
PZH
17
24
ns
C
L = 15 pF
Output Enable Time To Low Level
t
PZL
30
45
ns
C
L = 15 pF
Output Disable Time From High Level
t
PHZ
30
45
ns
C
L = 15 pF
Output Disable Time From Low Level
t
PLZ
18
27
ns
C
L = 15 pF
Magnetic Field Immunity
(11)
Magnetic Field Immunity at 5 V
Power Frequency Magnetic Immunity
HPF
2800
3500
A/m
50Hz/60Hz
Pulse Magnetic Field Immunity
HPM
4000
4500
A/m
tp = 8µs
Damped Oscillatory Magnetic Field
HOSC
4000
4500
A/m
0.1Hz – 1MHz
Cross-axis Immunity Multiplier
(12)
KX
2.5
Magnetic Field Immunity at 3.3 V
Power Frequency Magnetic Immunity
HPF
1000
1500
A/m
50Hz/60Hz
Pulse Magnetic Field Immunity
HPM
1800
2000
A/m
tp = 8µs
Damped Oscillatory Magnetic Field
HOSC
1800
2000
A/m
0.1Hz – 1MHz
Cross-axis Immunity Multiplier
(12)
KX
2.5
Electrostatic Discharge Sensitivity
This product has been tested for electrostatic sensitivity to the limits stated in the specifications. However, NVE recommends that all integrated
circuits be handled with appropriate care to avoid damage. Damage caused by inappropriate handling or storage could range from performance
degradation to complete failure.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com