Electronic Components Datasheet Search
  English  ▼

X  

2332 Datasheet(PDF) 2 Page - RHOPOINT COMPONENTS

Part # 2332
Description  Microminiature Reed Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

2332 Datasheet(HTML) 2 Page - RHOPOINT COMPONENTS

  2332 Datasheet HTML 1Page - RHOPOINT COMPONENTS 2332 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COTO TECHNOLOGY
RHOPOINT COMPONENTS LTD Holland Rd, Hurst Green, Oxted, Surrey, RH8 9AX,ENGLAND
Model Number
2332
2333
2341
3,5
2342
Parameters
Test Conditions
Units
2 Form A
3 Form A
1 Form C
2 Form C
COIL SPECS.
Nom. Coil Voltage
VDC
5
12
5
12
5
12
5
12
Coil Resistance
+/- 10%, 25° C
Ω
175
1000
175
1000
230
1000
175
1000
Operate Voltage
Must Operate by
VDC - Max.
3.8
9.0
3.8
9.0
3.8
9.0
3.8
9.0
Release Voltage
Must Release by
VDC - Min.
0.4
1.0
0.4
1.0
0.4
1.0
0.4
1.0
CONTACT RATINGS
Switching Voltage
Max DC/Peak AC Resist.
Volts
200
200
200
100
Switching Current
Max DC/Peak AC Resist.
Amps
0.5
0.5
0.5
0.25
Carry Current
Max DC/Peak AC Resist.
Amps
1.5
1.5
1.5
0.5
Contact Rating
Max DC/Peak AC Resist.
Watts
10
10
10
3
Life Expectancy-Typical
1
Signal Level 1.0V, 10mA
x 10
6 Ops.
500
500
500
100
Static Contact
Resistance (max. init.)
50mV, 10mA
Ω
0.150
0.150
0.150
0.200
Dynamic Contact
Resistance (max. init.)
0.5V, 50mA
at 100 Hz, 1.5 msec
Ω
0.200
0.200
0.200
0.250
RELAY
SPECIFICATIONS
Insulation Resistance
(minimum)
Between all Isolated Pins
at 100V, 25°C, 40% RH
Ω
x 10
12
x 10
12
x 10
12
x 10
9
Capacitance - Typical
Across Open Contacts
No Shield
Shield Guarded
pF
pF
0.8
0.2
0.8
N/A
1.7
0.7
2.0
N/A
Dielectric Strength
(minimum)
Between Contacts
Contacts to Shield
Contacts/Shield to Coil
VDC/peak AC
VDC/peak AC
VDC/peak AC
250
1000
1000
250
N/A
1000
250
1000
1000
200
N/A
1000
Operate Time - including
bounce - Typical
At Nominal Coil Voltage,
30 Hz Square Wave
msec.
0.5
0.5
0.5
1.5
Release Time - Typical
Zener-Diode Suppression
2
msec.
0.15
0.15
0.5
2.0
2300 Series/Microminiature Reed Relays
Top View
4 :
Dot stamped on top of relay refers to pin #1 location
Grid = .1"x.1" (2.54mm x 2.54mm)
Notes:
1 Consult factory for life expectancy at other switching loads.
2 Release time is specified with a zener diode suppression
circuit consisting of a 20 V zener diode in series with a
1N4148, connected in parallel with the coil.
3 Break-before-make action on Form C Model 2341 is not
guaranteed. Consult factory if break-before-make is required.
4 Electrostatic shield is connected to pin #6. Coaxial shield is
connected to pins #6 and #7.
5 This relay is polarity sensitive. Pin #3 MUST be positive.
Environmental Ratings
Storage Temp: -35 °C to + 100 °C;
Operating Temp: -20 °C to + 85 °C
Solder Temp: 270°C max; 10 sec. max
The operate and release voltage and the coil resistance
are specified at 25oC. These values vary by approximately
0.4% / °C as the ambient temperature varies.
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com