Electronic Components Datasheet Search
  English  ▼

X  

2920 Datasheet(PDF) 2 Page - RHOPOINT COMPONENTS

Part # 2920
Description  Microminiature Reed Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

2920 Datasheet(HTML) 2 Page - RHOPOINT COMPONENTS

  2920 Datasheet HTML 1Page - RHOPOINT COMPONENTS 2920 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COTO TECHNOLOGY
RHOPOINT COMPONENTS LTD Holland Rd, Hurst Green, Oxted, Surrey, RH8 9AX,ENGLAND
Model Number
2904
2
2911
2
x 2920
2,3
Par ameter s
Test Conditions
Units
1 For m A
1 For m C
1 For m A
Hg
Wet
COIL RESISTANCE
Nom. Coil Voltage
VDC
5
12
5
12
5
12
Coil Resistance
+/- 10%, 25° C
Ω
370
1500
230
1500
75
250
Operate Voltage
Must Operate by
VDC - Max.
3.8
9.0
3.8
9.0
3.8
9.0
Release Voltage
Must Release by
VDC - Min.
0.4
1.0
0.4
1.0
0.4
1.0
CONTACT RATING
Switching Voltage
Max DC/Peak AC Resist.
Volts
200
150
500
Switching Current
Max DC/Peak AC Resist.
Amps
0.5
0.25
1.0
Carry Current
Max DC/Peak AC Resist.
Amps
1.5
1.0
2.0
Contact Rating
Max DC/Peak AC Resist.
Watts
10
3
50
Life Expectancy-Typical
1
Signal Level 1.0V, 10mA
x 10
6 Ops.
500
100
1000
Static Contact
Resistance (max. init.)
50mV, 10mA
Ω
0.100
0.150
0.075
Dynamic Contact
Resistance (max. init.)
0.5V, 50mA
at 100 Hz, 1.5 msec
Ω
0.200
0.200
0.100
RELAY SPECIFICATIONS
Insulation Resistance
(minimum)
Between all Isolated Pins
at 100V, 25°C, 40% RH
Ω
x 10
12
x 10
11
x 10
10
Capacitance - Typical
Across Open Contacts
Shield Floating
Shield Guarding
pF
pF
1.0
0.3
2.0
1.0
1.4
0.2
Dielectric Strength
(minimum)
Between Contacts
Contacts to Shield
Contacts/Shield to Coil
VDC/peak AC
VDC/peak AC
VDC/peak AC
350
350
1500
200
200
1500
1000
1000
1500
Operate Time - including
bounce - Typical
At Nominal Coil Voltage,
30 Hz Square Wave
msec.
0.5
1.0
1.5
Release Time - Typical
Zener-Diode Suppression
4
msec.
0.1
2.0
1.0
2900 Series/Microminiature Reed Relays
Notes:
1Consult factory for life expectancy at other switching loads.
2Model 2904, 2911 and 2920, pin #7 is tied to optional electrostatic
shield, pins #6 & #7 are tied to optional coaxial shield.
3Model 2920 has Hg wet contacts - position sensitive, must
be mounted within 30° of vertical plane. See schematic.
4Consist of 20V Zener-Diode and 1N4002 diode in series,
connected in parallel with coil.
Environmental Ratings
Storage Temp: -35°C to +100°C;
Operating Temp: -20°C to +85°C
Solder Temp: 270°C max; 10 sec. max
The operate and release voltage and the coil
resistance are specified at 25°C. These values
vary by approximately 0.4%/°C as the ambient
temperature varies.
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s
Top View:
Dot stamped on top of relay refers to pin #1 location
Grid = .1"x.1" (2.54mm x 2.54mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com