Electronic Components Datasheet Search
  English  ▼

X  

MPD-425V Datasheet(PDF) 1 Page - BOSER Technology Co., Ltd

Part # MPD-425V
Description  250W DC-DC Power Supply Input Range: 40~57VDC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

MPD-425V Datasheet(HTML) 1 Page - BOSER Technology Co., Ltd

  MPD-425V Datasheet HTML 1Page - BOSER Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.boser.com.tw
MPD-425V
250W DC-DC Power Supply
Input Range: 40~57VDC
*Input Voltage: 40~57VDC
*Input Current: Max. 8A at 48VDC
*Inrush Current: Does not exceed 10A at 48VDC input, cold
start at 25oC
*Ripple and Noise: < +/-1% peak to peak ripple and noise for
each output
*Line Regulation: < +/-1% at rated load with +/-10% change
in input voltage
*Load Regulation: +/-4% for +5V, +/-5% for +12V, +/-3%
for -12V and -5V
*Power Good Signal: Goes high 100~500ms after all DC
output are ready
*Power Failure: Goes low 1ms before any DC output falls
*Efficiency: 70% typical at nominal line and rated load
*Altitude: 10,000 feet
*Protection:
Input: Protection against wrong polarity if 48VDC input is
inversely connected by mistake
Output: Built-in over voltage protection. Trip point of crowbar
circuit is between 5.9~7.0V. Hiccup mode against short circuit
or over load conditions auto recovery when faulty conditions
are removed
*Temperature: 0~+50oC (operating); -40~+75oC (storage)
*Humidity: 5~95%; non-condensing at 40oC (operating)
*Connectors:
Input: Three positions terminal block
DC Output: Output provides one AT type P8/P9 and two disk
drive connector
To Switch: Female disconnects for tab size 0.250" x 0.032"
*Dimensions: 14.0 x 15.0 x 8.62 cm with +/-0.8mm and +/-
0.4mm tolerance between mounting holes
*MTBF: 178,042 hrs.
Features
Features
*Safety: UL 1950 / CSA 22.2 No.234 / VDE EN60950
*EMI: FCC class B / EN55022B
*EMS: Level 3 of IEC-801, 802
Safety Standards
Safety Standards
WIRES
DC OUTPUT
TO SWITCH
4-TAPPING #6-32
0.35
2.0
11.0
4.8
11.5
0.5
0.5
13.8
Output
Voltage
+5V
+12V
-12V
-5V
Min.
Load
1A
0A
0A
0A
Rated
Load
25A
10A
1A
1A
Max.
Load
30A
12A
2A
2A
Tolerance
+/-0.1V
+/-0.72V
+/-0.6V
+/-0.25V
PIN
1
2
3
Input
48VDC
0V
GND
Output
+5V
+12V
-12V
-5V
GND
PIN
Red
Yellow
Brown
Blue
Black
P.G.
White


Similar Part No. - MPD-425V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPD-425V ETC-MPD-425V Datasheet
257Kb / 1P
250W DC-DC POWER SUPPLY INPUT RANGE: 40~57VDC
More results

Similar Description - MPD-425V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPD-425V ETC-MPD-425V Datasheet
257Kb / 1P
250W DC-DC POWER SUPPLY INPUT RANGE: 40~57VDC
logo
Emerson Network Power
NFS40 EMERSON-NETWORKPOWER-NFS40 Datasheet
249Kb / 4P
40 W universal input ac-dc power supply
logo
BOSER Technology Co., L...
BPW-830C BOSER-BPW-830C Datasheet
78Kb / 1P
300W DC-DC ATX power supply Input Range: 19~32VDC
BPW-830V BOSER-BPW-830V Datasheet
78Kb / 1P
300W DC-DC ATX power supply Input Range: -40~-72VDC
MPD-425C BOSER-MPD-425C Datasheet
57Kb / 1P
250W DC-DC Power Supply Input Range: 19~32VDC
MPI-925A BOSER-MPI-925A Datasheet
89Kb / 1P
250W AC-DC AT Power Supply
ZKS-250AE BOSER-ZKS-250AE Datasheet
66Kb / 1P
250W AC-DC AT Power Supply
logo
Murata Manufacturing Co...
MVAC250 MURATA-MVAC250 Datasheet
379Kb / 7P
250W High Density AC/DC Power Supply
MVAC250 MURATA-MVAC250_13 Datasheet
348Kb / 8P
250W High Density AC-DC Power Supply
logo
List of Unclassifed Man...
EFRD-S2257HPM ETC2-EFRD-S2257HPM Datasheet
467Kb / 2P
DC To DC 250W ERP1U Redundant Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com