Electronic Components Datasheet Search
  English  ▼

X  

MPD-810H Datasheet(PDF) 1 Page - BOSER Technology Co., Ltd

Part # MPD-810H
Description  120W 10~30VDC DC-DC ATX Open Frame Power Supply
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

MPD-810H Datasheet(HTML) 1 Page - BOSER Technology Co., Ltd

  MPD-810H Datasheet HTML 1Page - BOSER Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Input Voltage
The range of input voltage is from 10~30VDC, nominal input
voltage is 12 and 24VDC
Input Current
The maximum is 18A at 10VDC input
Inrush Current
The inrush current is less than 30A at 10VDC input
Load Range
At the factory, the +5V output is set between 5.08V to 5.13V and
all output at 60% rated load; the other outputs are checked to be
within the accuracy range. The maximum total combined output
power on the +3.3V and +5V rails is 70W. The max. load connot
exceed 120W
Ripple And Noise
The peak to peak ripple and noise for +5V, +3.3V output are less
than 100mV for +5Vsb is 120mV, for +12V is less than 120mV, for
-12V is less than 200mV at ranted load and nominal input, which is
measured by a 20MHz bandwidth limited oscilloscope and the each
output is connected with a 0.47uF capacitor
Line Regulation
The line regulation is less than +/-2.5% at rated load with +/-10%
change in input voltage
Load Regulation
The load regulation for +5V is less than +/-2%, for +12V is less
than +/-5%, for -12V +/-5%, +3.3V is less than +/-5% while the
measuring is done by changing the measured output loading
+/-40% from 60% rated load, and keep other output is at 60%
rated load
Power On/Off
The power supply will start-up when the power On/Off pin be
connected to secondary GND
Power Good Signal
The power is turned on, the power good signal will go high between
100ms to 500ms after all output DC voltage are within regulation
limits
Specifications
MPD-810H 120W10~30VDCDC-DCATXOpenFrame
Power Supply
DC-DC
Industrial Power Supply
14.16
0.54
0.2
15.24
14.44
6.86
1.395
PIN
1
2
3
Output
PW On/Off
GND
5Vsb
Output
+5V
GND
+12V
3.3V
-12V
PIN
1~3
4~8
9~10
11~13
14
Output
Voltage
+5V
+12V
-12V
+3.3V
+5Vsb
Min.
Load
1A
0A
0A
0A
0.1A
Rated
Load
8A
1.5A
0.5A
5A
0.75A
Max.
Load
10A
4A
1A
8A
----
Voltage
Accuracy
4.95~5.15V
11.25~12.75V
-11.75~-13.1V
3~3.5V
4.8~5.2V
CN2
CN3
CN5 (for Fan)
PIN
1
2
Output
GND
PW Good
PIN
1
2
Output
GND
+12V
CN4
Power Fail Signal
The power fail signal will go low at least 1ms before any of the
output voltages fall below the regulation limits
Efficiency
The efficiency is higher than 70% while measuring at nominal line
and rated load
Altitude
0~10,000ft
Protection
The power supply will generate the hiccup mode to protect itself
against short circuit or over load condition, and will return to
normal after wrong condition is removed
Temperature
0~+50oC, outpur power is 120W forced air cooling, 80W
convection cooling (operating); -20~+70oC (storage)
Humidity
10~90% non-condensing
Connectors
DC Input: Dinkle DT-35-B01W-03 or equivalent
DC Output: Molex 5273-14A or equivalent
DC Output: Molex 5045-03A or equivalent
Power Good Output: Molex 5045-02A or equivalent
Fan Output: Molex 5045-02A or equivalent
Safety
UL 1950 / CSA 22.2 No.234 / VDE EN60 950
EMI
FCC Class B / EN55022B
EMS
Level 3 of IEC-801, 802, 803, 804 / UL 1950 / CSA 22.2 No.234 /
VDE EN 60 950
Dimensions
8.38 x 15.24 x 3.81 cm; tolerance specified is +/-0.4mm


Similar Part No. - MPD-810H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPD-810H ETC1-MPD-810H Datasheet
110Kb / 1P
120W 10~30VDC DC/DC ATX Open Frame Power Supply
More results

Similar Description - MPD-810H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPD-810H ETC1-MPD-810H Datasheet
110Kb / 1P
120W 10~30VDC DC/DC ATX Open Frame Power Supply
logo
CUI INC
VFM05 CUI-VFM05 Datasheet
128Kb / 2P
open frame AC/DC power supply
VFM10 CUI-VFM10 Datasheet
821Kb / 3P
open frame AC/DC power supply
VFM40 CUI-VFM40 Datasheet
212Kb / 3P
open frame AC/DC power supply
VFM100 CUI-VFM100 Datasheet
410Kb / 3P
open frame ac-dc power supply
logo
BOSER Technology Co., L...
BPW-8071 BOSER-BPW-8071 Datasheet
70Kb / 1P
70W DC-DC Open Frame Power Supply Input Range: 10~30VDC Output 70W with 22FCM Fan Required
BPW-8110 BOSER-BPW-8110 Datasheet
156Kb / 1P
120W DC-DC Open Frame Power Supply
MPI-815H BOSER-MPI-815H Datasheet
140Kb / 1P
150W AC-DC ATX Open Frame Power Aupply
logo
Wall Industries,Inc.
PSSBU58 WALL-PSSBU58 Datasheet
94Kb / 2P
AC/DC Open Frame Power Supply
logo
List of Unclassifed Man...
EOFP-120M ETC2-EOFP-120M Datasheet
338Kb / 2P
120W Open Frame Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com