Electronic Components Datasheet Search
  English  ▼

X  

MPE-8071 Datasheet(PDF) 1 Page - BOSER Technology Co., Ltd

Part # MPE-8071
Description  70W AC-DC Open Frame Power Supply Input Range: 85~270VDC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

MPE-8071 Datasheet(HTML) 1 Page - BOSER Technology Co., Ltd

  MPE-8071 Datasheet HTML 1Page - BOSER Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.boser.com.tw
MPE-8071
70W AC-DC Open Frame Power Supply
Input Range: 85~270VDC
*Input Voltage: 85~270VAC
*Input Current: 2A at 115VAC or 1A at 230VAC max.
*Inrush Current: Does not exceed 30A at 115VAC input or
60A at 230VAC input, at cold start 25oC, and excluding EMI
suppression capactiors
*Load Range: All outputs are at min. load conditions, while
+5V output is between 5~5.1V and all other outputs are within
the specified voltage accuracy range
*Ripple and Noise: Peak to peak ripple and noise for all
outputs is < 1% of output voltage at rated load
*Line Regulation: < +/-2% for each output measured at rated
load and +/-10% input voltage range
*Load Regulation: < +/-3% for +5V, +/-4% for +12V, and
+/-5% for -12V with +/-40% change on the measured output
load, +/-40% from 60% rated load, while keeping other
outputs at 60% rated load
*Hold Up Time: > 16ms at 115VAC input and rated load,
measured from the end of the last charging pulse to when the
main output drops down to 95% output voltage
*Efficiency: > 70% at nominal line and rated load
*Altitude: 10,000 feet
*Protection: Latch-off mode against short circuit or over load
conditions AC input ON/OFF cycle to restart power supply
*Temperature: 0~+50oC (operating); -40~+85oC (storage)
*Connectors:
AC Input: Molex 5277-02A or equivalent device
DC Output: Molex 5273-08A or equivalent device
For Fan Use Only: Molex 5045-02A or equivalent device
*Dimensions: 12.7 x 7.62 x 3.85 cm at tolerance +/-0.4mm
Features
Features
*Safety: UL 1950 / CSA 22.2 No.234 / VDE EN60950
*EMI: FCC class B / EN55022B
TRANSFORMER
12.7
0.5
11.56
TB2
TB3
1
Output
Voltage
+5V
+12V
-12V
Min.
Load
0A
0A
0A
Rated
Load
10A
1.5A
0.3A
Max.
Load
12A
2.5A
0.3A
Voltage
Accuracy
5~5.1V
11.2~11.6V
-10.8~-12V
Output
+5V
GND
+12V
-12V
PIN
1~3
4~6
7
8
Safety Standards
Safety Standards


Similar Part No. - MPE-8071

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPE-8071 ETC-MPE-8071 Datasheet
261Kb / 1P
70W AC-DC OPEN FRAME POWER SUPPLY INPUT RANGE : 85-270VAC
More results

Similar Description - MPE-8071

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPE-8071 ETC-MPE-8071 Datasheet
261Kb / 1P
70W AC-DC OPEN FRAME POWER SUPPLY INPUT RANGE : 85-270VAC
logo
CUI INC
VFM05 CUI-VFM05 Datasheet
128Kb / 2P
open frame AC/DC power supply
VFM10 CUI-VFM10 Datasheet
821Kb / 3P
open frame AC/DC power supply
VFM40 CUI-VFM40 Datasheet
212Kb / 3P
open frame AC/DC power supply
VFM100 CUI-VFM100 Datasheet
410Kb / 3P
open frame ac-dc power supply
logo
BOSER Technology Co., L...
BPW-8071 BOSER-BPW-8071 Datasheet
70Kb / 1P
70W DC-DC Open Frame Power Supply Input Range: 10~30VDC Output 70W with 22FCM Fan Required
MPE-F40 BOSER-MPE-F40 Datasheet
140Kb / 1P
40W 85~264VAC AC-DC Open Frame Power Supply
logo
Wall Industries,Inc.
PSSBU58 WALL-PSSBU58 Datasheet
94Kb / 2P
AC/DC Open Frame Power Supply
logo
Delta Electronics, Inc.
MDS-250A DELTA-MDS-250A Datasheet
668Kb / 13P
Medical AC-DC Open Frame Power Supply
logo
ETA-USA
ZMB50-SX-NG ETA-USA-ZMB50-SX-NG Datasheet
340Kb / 4P
AC/DC SWITCHING POWER SUPPLY MEDICAL GRADE/OPEN FRAME 50W AC INPUT 85~264 SINGLE OUTPUT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com