Electronic Components Datasheet Search
  English  ▼

X  

MPI-8080 Datasheet(PDF) 1 Page - BOSER Technology Co., Ltd

Part # MPI-8080
Description  80W AC-DC Open Frame Power Supply Output 100W with Fan Required
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

MPI-8080 Datasheet(HTML) 1 Page - BOSER Technology Co., Ltd

  MPI-8080 Datasheet HTML 1Page - BOSER Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.boser.com.tw
MPI-8080
80W AC-DC Open Frame Power Supply
Output 100W with Fan Required
*Input Voltage: 85~264VAC
*Input Frequency: 47~63Hz
*Input Current: 3A at 115VAC or 1.5A at 230VAC max.
capacitors
*Inrush Current: Does not exceed 30A at 115VAC input or
60A at 230VAC input, cold start at 25oC
*Load Regulation: With +5V output set between 4.95~5.05V
and all output at 60% rated load, and all other outputs in the
accuracy range, max. load can not > 80W convection cooling
and > 100W forced air cooling
*Ripple And Noise: Peak to peak ripple and noise for each
output is < 1% of each output voltage at rated load
*Line Regulation: < +/-1% at rated load with +/-10% change
in input voltage
*Load Regulation: < +/-1% for +5V, < +/-5% for other
outputs with +/-40% change in measured output loading from
60% rated load and other outputs at 60% rated laod
*Hold Up Time: > 16ms at 115VAC input and rated load
*Efficiency: > 70% at nominal line and rated load
*Altitude: 10,000 feet
*Protection:
Short Circuit: Hiccup mode against short circuit or over load
conditions auto recovery to normal after wrong conditions are
removed
Output: Built-in crowbar circuit shuts down outputs to avoid
damage. Trip point of over voltage protection is between
5.7~7.0V AC line ON/OFF restarts and recovers the unit from
over voltage protection
*Temperature: 0~+50oC, requires forces air of 30CFM for
outputs > 80W (operating); -20~+70oC (storage)
*Humidity: 5~95%; non-condensing at 40oC (operating)
*Dimensions: 15.24 x 8.38 x 3.8 cm within +/-0.4mm
tolerance
*MTBF: 283,179 hrs.
Features
Features
Safety Standards
Safety Standards
*Safety: UL 1950 / CSA 22.2 No.234 / VDE EN60950
*EMI: FCC class B / EN55022 B
*EMS: Level 3 of IEC-801, 802, 803, 804
14.44
0.4
15.24
1.4
6.85
Use #6-32 screw
Protrusion limits 2.5mm
x4
screw
System
chassis
Measuring the screw
protrusion first:
TRANSFORMER
E
N
L
1
12
TB1
TB2
PIN
1
2
3
Input
AC Line-1
AC Line-2
GND
Output
+5V
GND
+12V
-12V
-5V
PIN
1~3
4~7
8~9
10
11
N/C
12
Output
Voltage
+5V
+12V
-12V
-5V
Min.
Load
1A
0A
0A
0A
Rated
Load
6A
3.5A
0.5A
0.5A
Max.
Load
10A
6A
1A
1A
Tolerance
+/-0.05V
+/-0.75V
+/-0.75V
+/-0.25V


Similar Part No. - MPI-8080

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
MPI-806H BOSER-MPI-806H Datasheet
215Kb / 1P
100W AC-DC Power Supply
More results

Similar Description - MPI-8080

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFM05 CUI-VFM05 Datasheet
128Kb / 2P
open frame AC/DC power supply
VFM10 CUI-VFM10 Datasheet
821Kb / 3P
open frame AC/DC power supply
VFM40 CUI-VFM40 Datasheet
212Kb / 3P
open frame AC/DC power supply
VFM100 CUI-VFM100 Datasheet
410Kb / 3P
open frame ac-dc power supply
logo
BOSER Technology Co., L...
BPW-7010 BOSER-BPW-7010 Datasheet
60Kb / 1P
100W AC-DC Open Frame Power Supply
BPW-8071 BOSER-BPW-8071 Datasheet
70Kb / 1P
70W DC-DC Open Frame Power Supply Input Range: 10~30VDC Output 70W with 22FCM Fan Required
MPI-706H BOSER-MPI-706H Datasheet
221Kb / 1P
80W AC-DC Open Frame Power Supply
logo
Wall Industries,Inc.
PSSBU58 WALL-PSSBU58 Datasheet
94Kb / 2P
AC/DC Open Frame Power Supply
logo
List of Unclassifed Man...
EOFP-100M ETC2-EOFP-100M Datasheet
326Kb / 2P
100W OPEN FRAME Power Supply
logo
CINCON ELECTRONICS Corp...
CFM80S CINCON-CFM80S Datasheet
394Kb / 2P
80W WATT OPEN FRAME AC-DC MODULES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com