Electronic Components Datasheet Search
  English  ▼

X  

RC-150 Datasheet(PDF) 1 Page - BOSER Technology Co., Ltd

Part # RC-150
Description  Half-size Wallmount Chassis with 5-slot Backplane & 24V/48V 180W ATX P/S
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

RC-150 Datasheet(HTML) 1 Page - BOSER Technology Co., Ltd

  RC-150 Datasheet HTML 1Page - BOSER Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chassis
5-slot half-size industrial chassis
Drive Space
3.5" FDD space x 1, 3.5" HDD space x 1
Thermal Solution
5cm x 1 and 8cm x 1 ball bearing cooling fans
Altitude
15,000 feet
Power Supply
24V or 48V 180W ATX power supply supports ATX2.03
Temperature
0~+50
oC (operating); 0~+70oC (storage)
Humidity
5~95%; non-condensing
Safety Standard
FCC/CE on chassis and FCC/CE/UL/TUV on power supply
Dimensions (L x W x H)
24.95 x 16.9 x 25.7 cm
Specifications
RC-150
Half-size Wallmount Chassis with 5-slot
Backplane & 24V/48V 180W ATX P/S
Industrial Chassis
5-slot space for half-size mainboard
Provides 24V/48V 180W ATX power supply
3.5" FDD space x 1, 3.5" HDD space x 1
5cm x 1 and 8cm x 1 ball bearing cooling fans
FCC/CE industrial Class A approval
Features
RC-150WA-PS5S2
RC-150W Chassis w/HPS-5S2 B/P, FSP180-50PLA ATX P/S
RC-150BA-PS5S2 (by order)
RC-150B Chassis w/HPS-5S2 B/P, FSP180-50PLA ATX P/S
Ordering Guide
At the front side, the RC-150 provides one 3.5" FDD space,
reset button, LED indicators, USB, and its back side provides
COM, parallel connectors, and power switch.
One 5cm and one 8cm ball bearing cooling fans provide
ventilation in the chassis from the front side.
Front Side
24.95
16.9
16.9
24.85


Similar Part No. - RC-150

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RC-1505D RECOM-RC-1505D Datasheet
100Kb / 3P
2 Watt SIP7 & DIP14 Dual Output
logo
Soberton Inc.
RC-1506S SOBERTON-RC-1506S Datasheet
455Kb / 5P
THIS SPECIFICATION COVERS OUR PRODUCT OF DYNAMIC RECEIVER UNIT FOR MOBILE TELEPHONE USE
RC-1506S-1 SOBERTON-RC-1506S-1 Datasheet
249Kb / 5P
THIS SPECIFICATION COVERS OUR PRODUCT OF DYNAMIC RECEIVER UNIT FOR MOBILE TELEPHONE USE
RC-1506S-1 SOBERTON-RC-1506S-1 Datasheet
260Kb / 5P
THIS SPECIFICATION COVERS OUR PRODUCT OF DYNAMIC RECEIVER UNIT FOR MOBILE TELEPHONE USE
RC-1506S-1 SOBERTON-RC-1506S-1_17 Datasheet
260Kb / 5P
THIS SPECIFICATION COVERS OUR PRODUCT OF DYNAMIC RECEIVER UNIT FOR MOBILE TELEPHONE USE
More results

Similar Description - RC-150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC-741 ETC-RC-741 Datasheet
314Kb / 1P
19 4U HIGH FULL-SIZE RACKMOUNT CHASSIS WITH BACKPLANE MOTHERBOARD & ATX P/S
RC-160 ETC1-RC-160 Datasheet
3Mb / 1P
Full-size Wallmount Chassis with 6-slot backplane & 250w
logo
BOSER Technology Co., L...
RC-100 BOSER-RC-100 Datasheet
103Kb / 1P
RC-100 Half-size Wallmount Chassis with 3-slot Backplane, 70W P/S
RC-140 BOSER-RC-140 Datasheet
144Kb / 1P
Half-size Wallmount Chassis with 4-slot Backplane, 80W P/S Provides PICMG1.3 Half-size Backplane
RC-147 BOSER-RC-147 Datasheet
178Kb / 1P
Half-size Wallmount Chassis with 4-slot Backplane, 180W ATX P/S Provides PICMG1.3 Half-size Backplane
RC-161 BOSER-RC-161 Datasheet
157Kb / 1P
Full-size Wallmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-165 BOSER-RC-165 Datasheet
99Kb / 1P
Half-size Deskmount Chassis with 6-slot Backplane, 70W/100W P/S Provides PICMG1.3 Half-size Backplane
RC-280 BOSER-RC-280 Datasheet
149Kb / 1P
Full-size Deskmount Chassis with 10-slot Backplane, 250W AT/ATX P/S
logo
AAEON Technology
AMC-262 AAEON-AMC-262 Datasheet
359Kb / 2P
6-Slot Wallmount Chassis, Full-Size/ Half-Size Cards Support
AMC-250 AAEON-AMC-250 Datasheet
221Kb / 2P
5-Slot Wallmount Chassis
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com