Electronic Components Datasheet Search
  English  ▼

X  

RC-161 Datasheet(PDF) 1 Page - BOSER Technology Co., Ltd

Part # RC-161
Description  Full-size Wallmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

RC-161 Datasheet(HTML) 1 Page - BOSER Technology Co., Ltd

  RC-161 Datasheet HTML 1Page - BOSER Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chassis
6-slot full-size industrial chassis
Drive Space
External: 5.25" space x 1, 3.5" space x 1
Internal: 3.5" space x 1
Thermal Solution
9cm ball bearing cooling fan x 1
Altitude
15,000 feet
Power Supply
250W AT or ATX power supply
Temperature
0~+50
oC (operating); 0~+70oC (storage)
Humidity
5~95%; non-condensing
Safety Standard
FCC/CE on chassis and FCC/CE/UL/TUV on power supply
Dimensions (L x W x H)
40.9 x 17.2 x 23.6 cm
Specifications
RC-161
Full-size Wallmount Chassis with 6-slot
Backplane, 250W AT/ATX P/S
Provides PICMG1.3 Full-size Backplane
Industrial Chassis
6-slot space for PICMG1.3 full-size or PICMG Bus backplane
Provides 250W AT/ATX power supply
Anti-shock crowbar for secured mounting of add-on card, two
adjustable positions
1 x external 5.25" space, 1 x external 3.5" space, 1 x internal
3.5" space
Provides 9cm ball bearing cooling fan x 1
FCC/CE industrial Class A approval
Features
RC-161WA-BP6S
RC-161W Chassis w/HBP-6S B/P, ZKS-250AE AT P/S
RC-161WA-PS5S
RC-161W Chassis w/HPS-5S B/P, ZKS-250AE AT P/S
RC-161WA-6S
RC-161W Chassis w/HPCI-6S B/P, ZKS-250AE AT P/S
RC-161WB-PCIE6S
RC-161W Chassis w/PCIE-6S B/P, ZKS-250WX ATX P/S
RC-161WB-PCIE6S1
RC-161W Chassis w/PCIE-6S1 B/P, ZKS-250WX ATX P/S
Ordering Guide
40.79
17.2
17.8
35.4
25.8
2.5
4.8


Similar Part No. - RC-161

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC-160 ETC1-RC-160 Datasheet
3Mb / 1P
Full-size Wallmount Chassis with 6-slot backplane & 250w
RC-160W ETC1-RC-160W Datasheet
3Mb / 1P
Full-size Wallmount Chassis with 6-slot backplane & 250w
RC-160W-6S ETC1-RC-160W-6S Datasheet
3Mb / 1P
Full-size Wallmount Chassis with 6-slot backplane & 250w
RC-160WA-6S ETC1-RC-160WA-6S Datasheet
3Mb / 1P
Full-size Wallmount Chassis with 6-slot backplane & 250w
RC-160WB-6S ETC1-RC-160WB-6S Datasheet
3Mb / 1P
Full-size Wallmount Chassis with 6-slot backplane & 250w
More results

Similar Description - RC-161

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC-120 ETC-RC-120 Datasheet
296Kb / 1P
FULL-SIZE RACKMOUNT CHASSIS WITH 2-SLOT BACKPLANE & 250W P/S
RC-160 ETC1-RC-160 Datasheet
3Mb / 1P
Full-size Wallmount Chassis with 6-slot backplane & 250w
logo
BOSER Technology Co., L...
RC-140 BOSER-RC-140 Datasheet
144Kb / 1P
Half-size Wallmount Chassis with 4-slot Backplane, 80W P/S Provides PICMG1.3 Half-size Backplane
RC-147 BOSER-RC-147 Datasheet
178Kb / 1P
Half-size Wallmount Chassis with 4-slot Backplane, 180W ATX P/S Provides PICMG1.3 Half-size Backplane
RC-165 BOSER-RC-165 Datasheet
99Kb / 1P
Half-size Deskmount Chassis with 6-slot Backplane, 70W/100W P/S Provides PICMG1.3 Half-size Backplane
RC-191 BOSER-RC-191 Datasheet
137Kb / 1P
19" 4U High, Full-size Rackmount Chassis with 14-slot Backplane, 250W P/S
RC-280 BOSER-RC-280 Datasheet
149Kb / 1P
Full-size Deskmount Chassis with 10-slot Backplane, 250W AT/ATX P/S
RC-721 BOSER-RC-721 Datasheet
133Kb / 1P
19" 2U High, Full-size Rackmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-740 BOSER-RC-740 Datasheet
227Kb / 1P
19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S
RC-741 BOSER-RC-741 Datasheet
227Kb / 1P
19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S Provides PICMG1.3 Full-size Backplane
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com