Electronic Components Datasheet Search
  English  ▼

X  

RC-720BA Datasheet(PDF) 1 Page - BOSER Technology Co., Ltd

Part # RC-720BA
Description  19" 2U High, Full-size Rackmount Chassis with MainBoard, 250W ATX P/S
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

RC-720BA Datasheet(HTML) 1 Page - BOSER Technology Co., Ltd

  RC-720BA Datasheet HTML 1Page - BOSER Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chassis
Meets EIA RS-310C 19" 2U high, rackmount standard; heavy-duty
steel, SECC 1.2t (Japan)
Drive Space
External: 5.25" space x 1 + 3.5" space x 1
Internal: 3.5" space x 3
Front Panel
Power switch, reset button; power and HDD active LED
Thermal Solution
8cm ball bearing cooling fan x 3 (optional); system environmental
monitor (optional) and removable air filter
Altitude
15,000 feet
Power Supply
250W ATX power supply
Temperature
0~+50
oC (operating); 0~+70oC (storage)
Humidity
5~95%; non-condensing
Safety Standard
FCC/CE on chassis and FCC/CE/UL/TUV on power supply
Dimensions (L x W x H)
48.0 x 42.7 x 8.82 cm
Specifications
RC-720
19" 2U High, Full-size Rackmount Chassis with
MainBoard, 250W ATX P/S
Industrial Chassis
19" 2U high, rackmount chassis compliant to EIA RS-310C
standard
Detachable card cage for easy installation and maintenance
Provides mainboard, 250W ATX power supply (PCI x 3 or PCI
x 2 + AGP x 1)
External: 5.25" space x 1 + 3.5" space x 1
Internal: 3.5" space x 3
Dual lockable latch doors
FCC/CE industrial Class A approval
8cm ball bearing cooling fan x 3 (optional)
System environmental monitor (optional)
Features
RC-720B
19" 2U High, Full-size Rackmount Chassis
RC-720BA
RC-720B Chassis w/250W ATX P/S
Ordering Guide
POWER
PSII
46.5
48.18
8.82
42.7
4.41
S1
S2
RES
S1
S2
disc


Similar Part No. - RC-720BA

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
RC-721 BOSER-RC-721 Datasheet
133Kb / 1P
19" 2U High, Full-size Rackmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-721B BOSER-RC-721B Datasheet
133Kb / 1P
19" 2U High, Full-size Rackmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-721B-6SD2 BOSER-RC-721B-6SD2 Datasheet
133Kb / 1P
19" 2U High, Full-size Rackmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-721BA-6SD2 BOSER-RC-721BA-6SD2 Datasheet
133Kb / 1P
19" 2U High, Full-size Rackmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
More results

Similar Description - RC-720BA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC-120 ETC-RC-120 Datasheet
296Kb / 1P
FULL-SIZE RACKMOUNT CHASSIS WITH 2-SLOT BACKPLANE & 250W P/S
RC-741 ETC-RC-741 Datasheet
314Kb / 1P
19 4U HIGH FULL-SIZE RACKMOUNT CHASSIS WITH BACKPLANE MOTHERBOARD & ATX P/S
logo
BOSER Technology Co., L...
KVM-9000 BOSER-KVM-9000_1 Datasheet
672Kb / 24P
19??1U High, Full-size Rackmount Chassis
RC-191 BOSER-RC-191 Datasheet
137Kb / 1P
19" 4U High, Full-size Rackmount Chassis with 14-slot Backplane, 250W P/S
RC-280 BOSER-RC-280 Datasheet
149Kb / 1P
Full-size Deskmount Chassis with 10-slot Backplane, 250W AT/ATX P/S
RC-721 BOSER-RC-721 Datasheet
133Kb / 1P
19" 2U High, Full-size Rackmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-730 BOSER-RC-730 Datasheet
185Kb / 1P
19" 3U High, Full-size Rackmount Chassis with MainBoard, Riser Card, 300W ATX P/S
RC-740 BOSER-RC-740 Datasheet
227Kb / 1P
19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S
RC-741 BOSER-RC-741 Datasheet
227Kb / 1P
19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-741 BOSER-RC-741_1 Datasheet
838Kb / 24P
19??4U High, Full-size Rackmount Chassis
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com