Electronic Components Datasheet Search
  English  ▼

X  

OLS-152SR/SR-CD-T Datasheet(PDF) 2 Page - OSA Opto Light GmbH

Part # OLS-152SR/SR-CD-T
Description  Series 152 - 1206 - Bipolar monocolor red 650 nm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-152SR/SR-CD-T Datasheet(HTML) 2 Page - OSA Opto Light GmbH

  OLS-152SR/SR-CD-T Datasheet HTML 1Page - OSA Opto Light GmbH OLS-152SR/SR-CD-T Datasheet HTML 2Page - OSA Opto Light GmbH OLS-152SR/SR-CD-T Datasheet HTML 3Page - OSA Opto Light GmbH OLS-152SR/SR-CD-T Datasheet HTML 4Page - OSA Opto Light GmbH OLS-152SR/SR-CD-T Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
edition 10/05
© 2005
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
0
30
60
90
120
150
180
0,0
0,5
1,0
view angle
1
10
1,6
1,7
1,8
1,9
2,0
2,1
2,2
UR
SR
UF (V)
UF – IF
characteristic
0
10
20
30
40
50
1
2
3
4
SR
UR
IF (mA)
IF – Iv, rel
characteristic



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com