Electronic Components Datasheet Search
  English  ▼

X  

OLS-152SD/SD-CD-TD Datasheet(PDF) 1 Page - OSA Opto Light GmbH

Part # OLS-152SD/SD-CD-TD
Description  Series 152 - 1206 - Bipolar monocolor low cost
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-152SD/SD-CD-TD Datasheet(HTML) 1 Page - OSA Opto Light GmbH

  OLS-152SD/SD-CD-TD Datasheet HTML 1Page - OSA Opto Light GmbH OLS-152SD/SD-CD-TD Datasheet HTML 2Page - OSA Opto Light GmbH OLS-152SD/SD-CD-TD Datasheet HTML 3Page - OSA Opto Light GmbH OLS-152SD/SD-CD-TD Datasheet HTML 4Page - OSA Opto Light GmbH OLS-152SD/SD-CD-TD Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2005
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Features
- size 1206: 3,2(L) x 1,6(W) x 1,2(H) mm
- circuit substrate: glass laminated epoxy
- devices are ROHS conform
- lead free solderable, soldering pads: gold plated
- taped in 8 mm blister tape
- all devices sorted into luminous intensity classes
- taping: face-up (T) or face-down (TD) possible
IF, max[mA]
IF,P [mA]
tp ≤
100 µs τ=1: 10
VR [V]
IR, max [µA]
Thermal resistance
R thJA [K / W]
TOp [°C]
TSt °[C]
20
100
8
100
450
-40...85
-55...85
-40
-20
0
20
40
60
80
0
5
10
15
20
T
op[°C]
Maximal
forward
current (DC)
characteristic
Type
Emitting
Marking
Measurement
VF[V]
IV[mcd]
color
at
IF [mA]
typ
max
λd / λp*
[nm]
min
typ
OLS-152 R/R
OLS-152 PG/PG
OLS-152 G/G
OLS-152 SYG/SYG
OLS-152 Y/Y
OLS-152 D/D
OLS-152 SD/SD
red
pure green
green
green
yellow
orange
red
-
-
-
-
-
-
-
20
20
20
20
20
20
20
2,25
2,2
2,2
2,25
2,1
2,1
2,1
2,6
2,6
2,6
2,6
2,6
2,6
2,6
700 *
562
572
572
590
605
625
1.0
2.0
4.0
10
4.0
4.0
4.0
2.5
4.0
12
20
12
12
12
OSA Opto Light GmbH
Köpenicker Str. 325 / Haus 201
12555 Berlin - Germany
Tel. +49 (0)30 65 76 26 83
Fax: +49 (0)30 65 76 26 81
E-Mail: contact@osa-opto.com
Series 152 - 1206 - Bipolar monocolor
low cost
Absolute Maximum Ratings
Electro-Optical Characteristics


Similar Part No. - OLS-152SD/SD-CD-TD

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-152SR/SR-C-T OSA-OLS-152SR/SR-C-T Datasheet
125Kb / 5P
Series 152 - 1206 - Bipolar monocolor red 650 nm
OLS-152SR/SR-C-TD OSA-OLS-152SR/SR-C-TD Datasheet
125Kb / 5P
Series 152 - 1206 - Bipolar monocolor red 650 nm
OLS-152SR/SR-CD-T OSA-OLS-152SR/SR-CD-T Datasheet
125Kb / 5P
Series 152 - 1206 - Bipolar monocolor red 650 nm
OLS-152SR/SR-CD-TD OSA-OLS-152SR/SR-CD-TD Datasheet
125Kb / 5P
Series 152 - 1206 - Bipolar monocolor red 650 nm
OLS-152SR/SR-X-T OSA-OLS-152SR/SR-X-T Datasheet
125Kb / 5P
Series 152 - 1206 - Bipolar monocolor red 650 nm
More results

Similar Description - OLS-152SD/SD-CD-TD

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-150R OSA-OLS-150R Datasheet
129Kb / 5P
Series 150 - 1206 Standard low cost
OLS-152HY OSA-OLS-152HY Datasheet
132Kb / 5P
Series 152 - 1206 - Bipolar monocolor High luminous intensity
OLS-152UR OSA-OLS-152UR Datasheet
125Kb / 5P
Series 152 - 1206 - Bipolar monocolor red 650 nm
OLS-156R OSA-OLS-156R Datasheet
124Kb / 5P
Series 156 - 1206 low current low cost
OLS-158R OSA-OLS-158R Datasheet
125Kb / 5P
Series 158 - 1206 Bipolar low current low cost
OLS-159Y OSA-OLS-159Y Datasheet
131Kb / 5P
Series 159 - 1206 - Bipolar bicolor low current
OLS-172UR OSA-OLS-172UR Datasheet
121Kb / 5P
Series 172 - 0805 - Bipolar monocolor red 650 nm
OLS-172R OSA-OLS-172R Datasheet
126Kb / 5P
Series 172 - 0805 - Bipolar monocolor low cost
OLS-250R OSA-OLS-250R Datasheet
129Kb / 5P
Series 250 - 1206 lower height low cost
OLS-330R OSA-OLS-330R Datasheet
134Kb / 5P
Series 330 - 1206 with Lens low cost
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com