Electronic Components Datasheet Search
  English  ▼

X  

TK15323M Datasheet(PDF) 5 Page - TOKO, Inc

Part # TK15323M
Description  Audio Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK15323M Datasheet(HTML) 5 Page - TOKO, Inc

  TK15323M Datasheet HTML 1Page - TOKO, Inc TK15323M Datasheet HTML 2Page - TOKO, Inc TK15323M Datasheet HTML 3Page - TOKO, Inc TK15323M Datasheet HTML 4Page - TOKO, Inc TK15323M Datasheet HTML 5Page - TOKO, Inc TK15323M Datasheet HTML 6Page - TOKO, Inc TK15323M Datasheet HTML 7Page - TOKO, Inc TK15323M Datasheet HTML 8Page - TOKO, Inc TK15323M Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
June 1999 TOKO, Inc.
Page 5
TK15323
TEST CIRCUITS AND METHODS (CONT.)
MAXIMUM INPUT LEVEL (FIGURE 6)
This measurement measures at output side.
1) Pin 5 is in the open condition, or high level.
2) Connect a distortion analyzer and an AC volt meter to
Pin 3.
3) Input a sine wave (1 kHz) to Pin 4 and elevate the
voltage gradually until the distortion gets to
0.1%.
4) When the distortion amounts to 0.1%, stop elevating and
measure the AC level of Pin 3.
This value is the maximum input level of 1-Ach.
5) Next, connect Pin 5 to the GND, or low level.
6) Input the same sine wave to Pin 2.
7) Measure in the same way.
This value is the maximum input level of 1-Bch.
Figure 5
VOLTAGE GAIN (FIGURE 5)
This is the output level against input level.
1) Pin 5 is in the open condition, or high level.
2) Connect AC volt meters to Pin 4 and Pin 3.
(Using the same type meter is best)
3) Input a sine wave (f = max. 20 kHz, 1 Vrms) to Pin 4.
4) Measure the level of Pin 4 and name this V1.
5) Measure the level of Pin 3 and name this V2.
6) Calculate Gain = 20 Log (( |V2 - V1| )/V1)
V1<V2 + Gain, V1>V2 - Gain
This value is the voltage gain of 1-Ach.
7) Next, connect Pin 5 to the GND, or low level.
8) Input the same sine wave to Pin 2.
9) Measure and calculate in the same way.
This value is the maximum input level of 1-Bch.
VCC
Cont.
+
+
Figure 4
VCC
Cont.
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com