Electronic Components Datasheet Search
  English  ▼

X  

TK15327M Datasheet(PDF) 5 Page - TOKO, Inc

Part # TK15327M
Description  Audio Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK15327M Datasheet(HTML) 5 Page - TOKO, Inc

  TK15327M Datasheet HTML 1Page - TOKO, Inc TK15327M Datasheet HTML 2Page - TOKO, Inc TK15327M Datasheet HTML 3Page - TOKO, Inc TK15327M Datasheet HTML 4Page - TOKO, Inc TK15327M Datasheet HTML 5Page - TOKO, Inc TK15327M Datasheet HTML 6Page - TOKO, Inc TK15327M Datasheet HTML 7Page - TOKO, Inc TK15327M Datasheet HTML 8Page - TOKO, Inc TK15327M Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
June 1999 TOKO, Inc.
Page 5
TK15327
TEST CIRCUITS AND METHODS (CONT.)
RESIDUAL NOISE (FIGURE 7)
This value is not S/N ratio. This is a noise which occurs from
the device itself.
1) Connect V
CC to Pin 5, Pin 8 is low level or open.
2) Connect an AC volt meter to Pin 3.
3) Connect a capacitor from Pin 4 to GND.
4) Measure AC voltage of Pin 3. This value is the noise of
1-Ach. If the influence of noise from outside exists, use
optional filters.
5) Next, reverse conditions at Pin 5 and Pin 8.
6) Connect to GND through a capacitor from Pin 2.
7) Measure in the same way.
This value is the noise level of 1-Bch.
VCC
+
+
Figure 5
MAXIMUM INPUT LEVEL (FIGURE 6)
This measurement measures at output side.
1) Connect V
CC to Pin 5, Pin 8 is low level or open.
2) Connect a distortion analyzer and an AC volt meter to
Pin 3.
3) Input a sine wave (1 kHz) to Pin 4 and elevate the voltage
gradually until the distortion gets to 0.1%.
4) When the distortion amounts to 0.1%, stop elevating and
measure the AC level of Pin 3.
This value is the maximum input level of 1-Ach.
5) Next, reverse conditions at Pin 5 and Pin 8.
6) Input the same sine wave to Pin 2.
7) Measure in the same way.
This value is the maximum input level of 1-Bch.
VCC
+
+
Figure 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com