Electronic Components Datasheet Search
  English  ▼

X  

TC_M Datasheet(PDF) 1 Page - Rohm

Part # TC_M
Description  Chip tantalum capacitors (Bottom surface electrode type)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TC_M Datasheet(HTML) 1 Page - Rohm

  TC_M Datasheet HTML 1Page - Rohm TC_M Datasheet HTML 2Page - Rohm TC_M Datasheet HTML 3Page - Rohm TC_M Datasheet HTML 4Page - Rohm TC_M Datasheet HTML 5Page - Rohm TC_M Datasheet HTML 6Page - Rohm TC_M Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/6
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.04 - Rev.F
Chip tantalum capacitors
(Bottom surface electrode type)
TC Series M Case
Features (M)
With an original bottom surface electrode structure.
1) Excellent adhesion.
2) Easy visual recognition of fillets.
3) Large capacitance, low ESR.
Dimensions (Unit : mm)
M case
Dimensions
L
H
S
W2
W1
(Unit : mm)
0.5 0.1
+−
0.8 0.1
+−
0.55 0.1
+−
0.85 0.1
+−
1.6 0.1
+−
Anode mark
+−
H
L
Part No. Explanation
M
1
A
8
R
T
4
7
5
C
M
Rated voltage
Capacitance tolerance
Nominal capacitance in pF in 3 digits:
2 significant figures followed by the figure
representing the number of 0's.
8 : Tape width
R : Positive electrode on the side opposite to sprocket hole
1
6
1
3
6
4
2
5
1
1 Series name
TC
2 Case style
3
4 Nominal capacitance
5
Taping
20%
M :
+−
4
CODE
6.3
0J
10
1A
16
1C
Rated voltage (V)
0G
2.5
0E
TC
M


Similar Part No. - TC_M

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
TC-M124AM-2M83F L-COM-TC-M124AM-2M83F Datasheet
75Kb / 1P
T-COUPLER SLIMLINE M12 MALE / 2X M8 FEMALE
03/31/17
TC-M125AM-2M124AF L-COM-TC-M125AM-2M124AF Datasheet
73Kb / 1P
T-COUPLER SLIMLINE M12 5PIN MALE / 2X M12 4PIN FEMALE
03/31/17
TC-M125AM-2M125AF L-COM-TC-M125AM-2M125AF Datasheet
74Kb / 1P
T-COUPLER SLIMLINE M12 5PIN MALE / 2X M12 5PIN FEMALE
03/31/17
TC-M128AM-2M128AF L-COM-TC-M128AM-2M128AF Datasheet
92Kb / 1P
M12 8A-M TO 2xM12 8A-F T CPLR
04/11/2019
TC-M128AM-2M128AF-S L-COM-TC-M128AM-2M128AF-S Datasheet
95Kb / 1P
M12 8A-M TO 2xM12 8A-F T CPLR SHLD
02/28/2019
More results

Similar Description - TC_M

ManufacturerPart #DatasheetDescription
logo
Rohm
TCT_AS ROHM-TCT_AS Datasheet
169Kb / 7P
Chip tantalum capacitors (Bottom surface electrode type)
TCT_PL ROHM-TCT_PL Datasheet
176Kb / 7P
Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U Datasheet
154Kb / 6P
Chip tantalum capacitors (Bottom surface electrode type)
TC_M_0911 ROHM-TC_M_0911 Datasheet
170Kb / 7P
Chip tantalum capacitors (Bottom surface electrode type)
TCT_AS ROHM-TCT_AS_10 Datasheet
150Kb / 7P
Chip tantalum capacitors (Bottom surface electrode type)
TCT_CL ROHM-TCT_CL_10 Datasheet
152Kb / 6P
Chip tantalum capacitors (Bottom surface electrode type)
TCT_P ROHM-TCT_P_10 Datasheet
156Kb / 7P
Chip tantalum capacitors (Bottom surface electrode type)
TCT_AL ROHM-TCT_AL_11 Datasheet
149Kb / 8P
Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_P ROHM-TCT_P_11 Datasheet
175Kb / 7P
Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_U ROHM-TCT_U_11 Datasheet
177Kb / 6P
Chip tantalum capacitors(Bottom surface electrode type)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com