Electronic Components Datasheet Search
  English  ▼

X  

TCFG_C Datasheet(PDF) 2 Page - Rohm

Part # TCFG_C
Description  Chip tantalum capacitors with (Fail-safe open structure type)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFG_C Datasheet(HTML) 2 Page - Rohm

  TCFG_C Datasheet HTML 1Page - Rohm TCFG_C Datasheet HTML 2Page - Rohm TCFG_C Datasheet HTML 3Page - Rohm TCFG_C Datasheet HTML 4Page - Rohm TCFG_C Datasheet HTML 5Page - Rohm TCFG_C Datasheet HTML 6Page - Rohm TCFG_C Datasheet HTML 7Page - Rohm TCFG_C Datasheet HTML 8Page - Rohm TCFG_C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TCFG series C Case
Tantalum capacitors
Rev.C
2/11
Capacitance range
TCFG series
(
μF)
4
0G
22 (226)
33 (336)
47 (476)
68 (686)
100 (107)
150 (157)
220 (227)
6.3
0J
10
1A
20
1D
16
1C
C
C ∗
∗ : Under development
C
C
Rated voltage (V)
Remark) Case size codes (C) in the above show each size products line-up.
Marking
100
10V
(1) 100
μF
(2) 10V
The indications listed below should be given on the surface of a capacitor.
Polarity
: The polarity should be shown by
bar. (on the anode side)
Rated DC voltage
Nominal capacitance
[C Case]
note 1)
note 2) voltage code and capacitance code are variable with parts number
Visual typical example (1) capacitance code (2) voltage code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com