Electronic Components Datasheet Search
  English  ▼

X  

ICEPIC3 Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # ICEPIC3
Description  MODULAR, REAL TIME EMULATOR SYSTEM FOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

ICEPIC3 Datasheet(HTML) 4 Page - rfsolutions.ltd

  ICEPIC3 Datasheet HTML 1Page - rfsolutions.ltd ICEPIC3 Datasheet HTML 2Page - rfsolutions.ltd ICEPIC3 Datasheet HTML 3Page - rfsolutions.ltd ICEPIC3 Datasheet HTML 4Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ICEPIC3
DS050-4, April 05
©2005 RF Solutions Ltd, ENGLAND. Tel +44 (0) 1273 898 000. Fax +44 (0) 1273 480661.
Page 4
All Trademarks acknowledged and remain the property of the respective owners.
ICEPIC3 Trace Boards
Trace1 Board Technical Specifications
Features
Specification
Comments
Emulator Interface
Direct connection
Trace board plugs onto ICEPIC Motherboard. ICEPIC Automatically
detects the Trace board type and features available
Trace Memory
64K x 128bits wide
Maximum of 2Mbytes for 18Cxxx devices
Trace Point Control
Unlimited
Trace Points can be set on any program memory location(s) (2MB
range)
Trace Capability
Yes
Trace all address (21 bits), or 16 bit Data Bus (Opcodes, TABLE read
data, TABLE Write Data)
Trace memory capability
Yes
Trace Data RAM Address,
Trace Data RAM Data at:
1. Source Address or
2. Destination Address
External Trace Capability
Yes
Trace external 8 bits (user connectable)
Real Time Stamp
Yes
Trace Real Time Stamp of 38 bits (a 38 bit real time counter).
Other Features
Two 16 bit counters for real time performance analysis of any
address/address range
Trigger Outputs
Yes
Trigger Output on any address location access of program memory (
2MB space)
External Break signal support
Salient Features Of TRACE1 Board
• Trace depth of 64K. Width, 128 bits.
• Trace Points can be set on any program memory
location(s) (2MB range)
• Trace all address (21 bits), or 16 bit Data Bus (Opcodes,
TABLE read data, TABLE Write Data)
• Trace Real Time Stamp of 38 bits (a 38 bit real time
counter).
• Trace Data Memory RAM address
• Trace Data Memory RAM data on source location access
• Trace Data Memory RAM data on destination location
access
• Trace external 8 bits (user connectable)
• Two 16 bit counters for real time performance analysis of
any address/address range
• Trigger Output on any address location access of program
memory ( 2MB space)
• External Break signal support
• Optional 2MB program/emulation Memory for 18Cxxx
devices
• Auto detectable for the type/features available on the board
for host software
The Trace1 Board is available as an optional extra to ICPEIC3. It
is a simple plug on connection to the motherboard.
Once installed, the add-on Trace module analyses and captures
real time execution addresses, op-codes and read/writes of
external addresses. It also traces all file RAM usage showing
internal addresses and data values, as well as all accesses to
special function registers including I/O, timers and peripherals.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com