Electronic Components Datasheet Search
  English  ▼

X  

ITH06R22SY Datasheet(PDF) 2 Page - Glenair, Inc.

Part # ITH06R22SY
Description  Straight Plug Assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

ITH06R22SY Datasheet(HTML) 2 Page - Glenair, Inc.

  ITH06R22SY Datasheet HTML 1Page - Glenair, Inc. ITH06R22SY Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
27
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
U.S. CAGE Code 06324
TABLE I: DIMENSIONS
ITH 06 A (M)
Straight Plug Connector
with Metric Thread Cable Gland Backshell
D1
L1
Shell size
M thread
18
36.2
M20x1.5
89.0
20
39.8
M25x1.5
89.0
22
43.0
M25x1.5
89.0
24
46.4
M32x1.5
89.0
28
53.0
M32x1.5
93.0
32
60.0
M36x1.5
93.0
36
66.2
M40x1.5
105.0
40
72.3
M48x1.5
105.0
±0.2
Max.
CONTACT OPTIONS
Sym Description
B0
Connector less contacts
Omit for standard version (Gold Plated
Copper Alloy Contacts Supplied)
FINISH OPTIONS
Sym Description
F2
Bright Nickel Plating
F6
Black Electrodeposited Paint
F8
Olive Drab Zn-Co Plating
Omit for standard version
(Cad free / black passivation Finish)
TABLE II: MODIFICATION CODES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com