Electronic Components Datasheet Search
  English  ▼

X  

TK15413 Datasheet(PDF) 6 Page - TOKO, Inc

Part # TK15413
Description  75 OHM VIDEO LINE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK15413 Datasheet(HTML) 6 Page - TOKO, Inc

  TK15413 Datasheet HTML 1Page - TOKO, Inc TK15413 Datasheet HTML 2Page - TOKO, Inc TK15413 Datasheet HTML 3Page - TOKO, Inc TK15413 Datasheet HTML 4Page - TOKO, Inc TK15413 Datasheet HTML 5Page - TOKO, Inc TK15413 Datasheet HTML 6Page - TOKO, Inc TK15413 Datasheet HTML 7Page - TOKO, Inc TK15413 Datasheet HTML 8Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Page 6
January 2000 TOKO, Inc.
TK15413
0.0
4.0
DIFFERENTIAL PHASE VS.
TEMPERATURE
TA (°C)
-4.0
-50
0
50
100
2.0
6.0
VCC = 5.0 V,
VIN = 1 VP-P
-2.0
0.0
4.0
DIFFERENTIAL PHASE VS.
SUPPLY VOLTAGE
VCC (V)
-4.0
4.0
4.5
5.0
5.5
6.0
2.0
6.0
TA = 25 °C,
VIN = 1 VP-P
-2.0
-5
0
VOLTAGE GAIN VS.
INPUT FREQUENCY
fIN (MHz)
-15
0.1
1
10
100
5
-10
VCC = 5.0 V,
VIN = 1 VP-P
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
2.0
2.2
BIAS VOLTAGE VS.
SUPPLY VOLTAGE
VCC (V)
1.6
4.0
4.5
5.0
5.5
6.0
2.4
TA = 25 °C,
Pin 1 Voltage
1.8
0.0
4.0
DIFFERENTIAL GAIN VS.
TEMPERATURE
TA (°C)
-4.0
-50
0
50
100
2.0
6.0
VCC = 5.0 V,
VIN = 1 VP-P
-2.0
10
20
DIFFERENTIAL GAIN VS.
SUPPLY VOLTAGE
VCC (V)
-10
4.0
4.5
5.0
5.5
6.0
30
TA = 25 °C,
VIN = 1 VP-P
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com