Electronic Components Datasheet Search
  English  ▼

X  

ITH030R32PZ Datasheet(PDF) 1 Page - Glenair, Inc.

Part # ITH030R32PZ
Description  Rear Box Mount Receptacle with Accessory Backshell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

ITH030R32PZ Datasheet(HTML) 1 Page - Glenair, Inc.

  ITH030R32PZ Datasheet HTML 1Page - Glenair, Inc. ITH030R32PZ Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
14
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
U.S. CAGE Code 06324
ITH = Plastic Insert and Standard
Contacts (See Notes #4, 6)
030 = Rear Mounting Receptacle
with Threaded Holes
Environmental Class
A - Non-Environmental
R - Environmental
ITH 030 A and ITH 030 R
Rear Box Mount Receptacle with Accessory Backshell
and a Selection of Cable Clamps
ITH 030 A 28-21 P Y XXX
Order Cable Clamps and
Sleeves Separately or Use
Mod Codes (Table II) to Add
Clamp to This Assembly.
Application Notes:
1. Box mount receptacle connector with square flange for rear panel mounting and backshell for use with cable
clamps or BR backshells. Threaded mounting holes.
2. Environmental class A (non-environmental) not supplied with grommet; Class R (environmental) supplied with
grommet.
3. Standard shell materials configuration consists of aluminum alloy with cadmium free conductive plating and
black passivation.
4. Standard contact material consists of copper alloy with gold plating.
5. A broad range of other front and rear connector accessories are available.
See our website and/or contact the factory for complete information.
6. Standard insert material is Low fire hazard plastic
UL94V0, IAW Article 3, NFF16-102, 356833.
Mod Code Option (See Table II)
Alternate Insert Rotation (W, X, Y, Z)
Omit for Normal (See Page 6)
Contact Gender
P - Pin
S - Socket
Shell Size and Insert Arrangement
(See Page 7)
L2
L3
D1
F
L1
L4
E
D2
IT 3057 C
Cable Clamp
IT 3420
Neoprene Sleeve
IT 3057 A
Cable Clamp


Similar Part No. - ITH030R32PZ

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITH03FFA18PW GLENAIR-ITH03FFA18PW Datasheet
171Kb / 2P
Box Mount Receptacle Connector
ITH03FFA18PX GLENAIR-ITH03FFA18PX Datasheet
171Kb / 2P
Box Mount Receptacle Connector
ITH03FFA18PY GLENAIR-ITH03FFA18PY Datasheet
171Kb / 2P
Box Mount Receptacle Connector
ITH03FFA18PZ GLENAIR-ITH03FFA18PZ Datasheet
171Kb / 2P
Box Mount Receptacle Connector
ITH03FFA18SW GLENAIR-ITH03FFA18SW Datasheet
171Kb / 2P
Box Mount Receptacle Connector
More results

Similar Description - ITH030R32PZ

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITHG06A18PW GLENAIR-ITHG06A18PW Datasheet
610Kb / 2P
Sraight Plug with Accessory Backshell
ITHC030A18PW GLENAIR-ITHC030A18PW Datasheet
191Kb / 2P
Rear Box Mount Receptacle
ITS3101AFK GLENAIR-ITS3101AFK Datasheet
1Mb / 2P
In-Line Cylindrical Receptacle with Accessory Backshell
IPT02OO18-11P-S GLENAIR-IPT02OO18-11P-S Datasheet
216Kb / 2P
Rear Box Mount Square Flange Receptacle
IPT02SE18-11SZ GLENAIR-IPT02SE18-11SZ Datasheet
262Kb / 2P
Rear Box Mount Square Flange Receptacle
IPT02Y18-11SZ GLENAIR-IPT02Y18-11SZ Datasheet
255Kb / 2P
Rear Box Mount Square Flange Receptacle
IPT07E18-11SZC GLENAIR-IPT07E18-11SZC Datasheet
227Kb / 2P
Rear Panel Mount Jam Nut Receptacle Connector with Backshell
IPT07MSE18-11SZ GLENAIR-IPT07MSE18-11SZ Datasheet
222Kb / 2P
Rear Panel Mount Jam Nut Receptacle with Backshell
IPT07SE18-11SZ GLENAIR-IPT07SE18-11SZ Datasheet
219Kb / 2P
Rear Panel Mount Jam Nut Receptacle Connector with Backshell
ITS-3101-A GLENAIR-ITS-3101-A Datasheet
244Kb / 2P
In-Line Cylindrical Receptacle with Accessory Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com