Electronic Components Datasheet Search
  English  ▼

X  

3602 Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # 3602
Description  Low Thermal EMF Reed Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

3602 Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  3602 Datasheet HTML 1Page - RHOPOINT COMPONENTS 3602 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RHOPOINT COMPONENTS LTD Email: components@rhopoint.co.uk Website: www.rhopoint.co.uk
COTO TECHNOLOGY
L
L
L
L
LOW
OW
OW
OW
OW
T
T
T
T
THERMAL
HERMAL
HERMAL
HERMAL
HERMAL
EMF R
EMF R
EMF R
EMF R
EMF REED
EED
EED
EED
EED
R
R
R
R
RELAYS
ELAYS
ELAYS
ELAYS
ELAYS
The 3600 Series is ideally suited to the needs of Instrumentation, Data
Acquisition, and Process Control. The specification tables allow you to
select the appropriate relay for your particular application. Recommended
for use in Scanners, Multiplexers and Digital or Analog Multipoint Record-
ers. If your requirements differ from the selection options, please consult
Coto’s Factory to discuss a custom reed relay. Refer to page 41 for
Thermal EMF test methods.
3600 S
3600 S
3600 S
3600 S
3600 SERIES
ERIES
ERIES
ERIES
ERIES
F
F
F
F
FEATURES
EATURES
EATURES
EATURES
EATURES
u Low Thermal EMF: < 5 µV through < 0.5
µV with 50 nV stability.
u Patented Low Thermal Design. Patent #4,084,142.
u Low power coils to ensure low thermal EMF.
u High Insulation Resistance - 10
12
Ω
u Control/Signal isolation of 1500 VDC
u High speed switching compared to electromechanical relays.
u High reliability, hermetically sealed contacts.
u Various Form A contacts. High Dielectric Strength.
u Epoxy coated steel shell provides magnetic shielding.
u Electrostatic shield for reducing capacitive coupling.
3600 Series/Low Thermal EMF Reed Relays
Dimensions in Inches (Millimeters)
Bottom View


Similar Part No. - 3602

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3602 POMONA-3602 Datasheet
26Kb / 1P
Shielded Housing, Size ?쏡?? BNC Female Both Ends
logo
Lumberg
3602 LUMBERG-3602 Datasheet
89Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
3602 LUMBERG-3602 Datasheet
466Kb / 4P
RAST 5 connectors, pitch 5.0 mm
logo
Heyco.
3602 HEYCO-3602 Datasheet
160Kb / 1P
Cable Holders - Arrowhead Mount
logo
Adafruit Industries
3602 ADAFRUIT-3602 Datasheet
1Mb / 3P
Google AIY Voice Kit for Raspberry Pi
11-28-17
More results

Similar Description - 3602

ManufacturerPart #DatasheetDescription
logo
Coto Technology
2204-05-301 COTO-2204-05-301 Datasheet
291Kb / 2P
Reed Relays
2904-05-101 COTO-2904-05-101 Datasheet
255Kb / 2P
Reed Relays
3501-05-1-0 COTO-3501-05-1-0 Datasheet
337Kb / 2P
Low Thermal EMF Reed Relays
3602-05-92 COTO-3602-05-92 Datasheet
309Kb / 2P
Low Thermal EMF Reed Relays
logo
RHOPOINT COMPONENTS
3501 RHOPOINT-3501 Datasheet
63Kb / 2P
Low Thermal EMF Reed Relays
logo
Pomona Electronics
2305 POMONA-2305 Datasheet
23Kb / 1P
Insulated Low Thermal EMF Spade Lug
5291A POMONA-5291A Datasheet
155Kb / 1P
Low Thermal EMF Retractable Sheath Banana Plug Patch Cord
logo
Coto Technology
3500 COTO-3500 Datasheet
648Kb / 2P
3500 SERIES/LOW THERMAL EMF REED RELAYS
3600 COTO-3600 Datasheet
1Mb / 2P
3600 SERIES/LOW THERMAL EMF REED RELAYS
logo
TT Electronics.
LRMA TTELEC-LRMA Datasheet
679Kb / 3P
Low thermal EMF version
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com