Electronic Components Datasheet Search
  English  ▼

X  

3520 Datasheet(PDF) 2 Page - RHOPOINT COMPONENTS

Part # 3520
Description  Low Thermal EMF Reed Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

3520 Datasheet(HTML) 2 Page - RHOPOINT COMPONENTS

  3520 Datasheet HTML 1Page - RHOPOINT COMPONENTS 3520 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COTO TECHNOLOGY
RHOPOINT COMPONENTS LTD Holland Rd, Hurst Green, Oxted, Surrey, RH8 9AX,ENGLAND
Model Number
3501
2
3502
2
3520
2,3
3540
2
3541
2
Parameters
Test Conditions
Units
1 Form A
2 Form A
2 Form A
1 Form A
High Voltage
2 Form A
High Voltage
THERMAL EMF
….OPTIONS
Measured after 5 minutes
at nominal coil voltage
Refer to Reed Relay
Technical Section for Details
µV
Individual
<5µV
<3µV
<1µV
<0.5µV
Differential
<5µV
<3µV
<1µV
<0.5µV
Differential
<10µV
<5µV
-
-
Individual
<5µV
<3µV
-
-
Differential
<5µV
<3µV
-
-
COIL SPECS.
Nom. Coil Voltage
VDC
5
12
5
12
5
12
5
12
5
12
Coil Resistance
+/- 10%, 25° C
Ω
350
2000
350
2000
200
850
200
1500
200
1500
Operate Voltage
Must Operate by
VDC - Max.
3.8
9.0
3.8
9.0
3.8
9.0
3.8
9.0
3.8
9.0
Release Voltage
Must Release by
VDC - Min.
0.4
1.0
0.4
1.0
0.4
1.0
0.4
1.0
0.4
1.0
CONTACT RATING
Switching Voltage
Max DC/Peak AC Resist.
Volts
200
200
500
500
500
Switching Current
Max DC/Peak AC Resist.
Amps
0.5
0.5
1.0
0.5
0.5
Carry Current
Max DC/Peak AC Resist.
Amps
1.5
1.5
2.0
2.0
2.0
Contact Rating
Max DC/Peak AC Resist.
Watts
10
10
28
10
10
Life Expectancy-Typical
1
Signal Level 1.0V, 10mA
x 10
6 Ops.
500
100
1000
100
100
Static Contact
Resistance (max. init.)
50mV, 10mA
Ω
0.200
0.100
0.050
0.200
0.100
Dynamic Contact
Resistance (max. init.)
0.5V, 50mA
at 100 Hz, 1.5 msec
Ω
0.300
0.200
0.100
0.300
0.200
RELAY SPECIFICATIONS
Insulation Resistance
(minimum)
Between all Isolated Pins
at 100V, 25°C, 40% RH
Ω
x 10
12
x 10
12
x 10
12
x 10
12
x 10
12
Capacitance - Typical
Across Open Contacts
Without shield
Shield Guarding
pF
pF
3.0
1.9
1.7
0.2
1.7
0.2
3.0
1.9
1.7
0.2
Dielectric Strength
(minimum)
Between Contacts
Contacts to Shield
Contacts/Shield to Coil
VDC/peak AC
VDC/peak AC
VDC/peak AC
700
1000
1500
350
1000
1500
1000
1000
1500
1500
1000
1500
1500
1000
1500
Operate Time - including
bounce - Typical
At Nominal Coil Voltage,
30 Hz Square Wave
msec.
0.75
0.75
2.0
1.0
1.0
Release Time - Typical
Zener-Diode Suppression
4
msec.
0.1
0.1
1.0
0.2
0.2
3500 Series/Low Thermal EMF Reed Relays
Notes:
1Consult factory for life expectancy at other switching loads.
2Models 3501 and 3540, optional electrostatic shield is tied to
pin #5. Models 3502, 3520 and 3541, optional electrostatic
shield is tied to pin #13.
3Model 3520 has Hg wet contacts - position sensitive, must be
mounted within 30° of vertical plane. See schematic.
4Consists of 20V Zener-diode and 1N4002 diode in series,
connected in parallel with coil
Environmental Ratings
Storage Temp: -35°C to +100°C;
Operating Temp: -20°C to +85°C
Solder Temp: 270°C max; 10 sec. max
The operate and release voltage and the coil
resistance are specified at 25°C. These values
vary by approximately 0.4%/°C as the ambient
temperature varies.
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s
Top View:
Dot stamped on top of relay refers to pin #1 location
Grid = .1"x.1" (2.54mm x 2.54mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com