Electronic Components Datasheet Search
  English  ▼

X  

8002 Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # 8002
Description  DIP Reed Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

8002 Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  8002 Datasheet HTML 1Page - RHOPOINT COMPONENTS 8002 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RHOPOINT COMPONENTS LTD Email: components@rhopoint.co.uk Website: www.rhopoint.co.uk
COTO TECHNOLOGY
DIP R
DIP R
DIP R
DIP R
DIP REED
EED
EED
EED
EED
R
R
R
R
RELAYS
ELAYS
ELAYS
ELAYS
ELAYS
The 8000 Series is ideally suited to the needs of Automated Test
Equipment, Instrumentation, Data Acquisition, and Process Control
requirements. The specification tables allow you to select the appropriate
relay for your particular application. If your requirements differ from the
selection options, please consult your local representative or Coto’s
Factory to discuss a custom reed relay.
8000 S
8000 S
8000 S
8000 S
8000 SERIES
ERIES
ERIES
ERIES
ERIES
F
F
F
F
FEATURES
EATURES
EATURES
EATURES
EATURES
u 14 - Pin DIP Industry standard package.
u High Insulation Resistance - 10
12
Ω offered on most models.
u High reliability, hermetically sealed contacts for long life. Proven
to 500 million operations.
u Contact forms; 1A, 2A, 1B and 1C available.
u Surface mount version available.
u Molded thermoset body on integral lead frame design.
u Optional Electrostatic Shield for reducing capacitive coupling
offered on some models.
u Coil suppression diode available upon request.
u High Voltage Breakdown versions available.
8000 Series/DIP Reed Relays
Dimensions in Inches (Millimeters)
(For Model #’s 8001, 8002, 8021 & 8041)
(For Model # 8061)
3
4
3
4
2
2


Similar Part No. - 8002

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8002 FILTRAN-8002 Datasheet
200Kb / 1P
T1/CEPT Extended Temperature Range SMD Dual Line Interface Module
logo
List of Unclassifed Man...
8002 ETC2-8002 Datasheet
629Kb / 17P
Portable computers
logo
INCOME TECHNOLOGY
8002 INCOME-8002 Datasheet
602Kb / 14P
Power Output at 5.0V, 10% THDN, 3Ω 3W (typ)
logo
List of Unclassifed Man...
8002 ETC-8002 Datasheet
379Kb / 6P
2.0 Watt Audio Power Amplifier
V1.0
logo
VECTOR ELECTRONICS AND ...
8002 VECTOR-8002 Datasheet
277Kb / 4P
Prototyping Boards (Circbord®)
More results

Similar Description - 8002

ManufacturerPart #DatasheetDescription
logo
Coto Technology
8001-05-001 COTO-8001-05-001 Datasheet
354Kb / 2P
DIP Reed Relays
logo
Meder Electronic
DIP05-1C90-51Q MEDER-DIP05-1C90-51Q Datasheet
92Kb / 1P
DIP Reed Relays
DIP05-2A72-21R MEDER-DIP05-2A72-21R Datasheet
93Kb / 1P
DIP Reed Relays
DIP12-1A31-12D MEDER-DIP12-1A31-12D Datasheet
92Kb / 1P
DIP Reed Relays
DIP12-1A75-12L MEDER-DIP12-1A75-12L Datasheet
92Kb / 1P
DIP Reed Relays
DIP12-1A75-12D MEDER-DIP12-1A75-12D Datasheet
92Kb / 1P
DIP Reed Relays
DIP12-2A72-21M MEDER-DIP12-2A72-21M Datasheet
114Kb / 1P
DIP Reed Relays
DIP24-1A72-12L MEDER-DIP24-1A72-12L Datasheet
112Kb / 1P
DIP Reed Relays
DIP24-1A75-12L MEDER-DIP24-1A75-12L Datasheet
92Kb / 1P
DIP Reed Relays
DIP24-1A75-12D MEDER-DIP24-1A75-12D Datasheet
92Kb / 1P
DIP Reed Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com