Electronic Components Datasheet Search
  English  ▼

X  

26721 Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # 26721
Description  ?쏶tikonTM??thermocouples
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

26721 Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  26721 Datasheet HTML 1Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P R E C I S I O N
I N
E L E C T R O N I C S
© Rhopoint Components Ltd, Hurst Green, Oxted, Surrey, RH8 9AX, UK
T +44 (0) 870 608 1188 sales@rhopointcomponents.com www.rhopointcomponents.com
TECHNICAL DATASHEET
TEMPERATURE SENSORS
• Completely insulated
• Rugged construction
• Flexible
• Low mass
• Response time: 25 mseconds
• Thickness 0.4mm
“StikonTM” thermocouples 26700 series
Easily mounted on most surfaces, the ‘Stikon™’ thermocouple is constructed
using 0.25mm diameter wire which is bead welded and embedded in a paper
thin laminate intended for surface application by adhesive bonding. These
versatile, low cost thermocouples can be used for a wide variety of surface
temperature measurements including environmental testing, temperature
surveys of electrical components, oven wall temperature, etc. They are designed
for use with standard readout instruments.
26721
Chromel (purple)
Constantan (red)
-160 to +370
26722
Copper (blue)
Constantan (red)
600 hours
26723
Chromel (yellow)
Alumel (red)
-160 to +260
26724
Iron (white)
Constantan (red)
Continuous
Thermocouple
Positive lead
Negative lead
Temperature
type
range ˚C
Dimensions in mm


Similar Part No. - 26721

ManufacturerPart #DatasheetDescription
logo
Abbatron All Rights Res...
2672 ABBATRON-2672 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Amphenol Corporation
267250-1 AMPHENOL-267250-1 Datasheet
93Kb / 2P
Three thickness styles
267250-2 AMPHENOL-267250-2 Datasheet
93Kb / 2P
Three thickness styles
267250-3 AMPHENOL-267250-3 Datasheet
93Kb / 2P
Three thickness styles
267250-4 AMPHENOL-267250-4 Datasheet
93Kb / 2P
Three thickness styles
More results

Similar Description - 26721

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TH71 PHILIPS-TH71 Datasheet
132Kb / 5P
THERMOCOUPLES
December 1968
logo
RHOPOINT COMPONENTS
20100-1 RHOPOINT-20100-1 Datasheet
111Kb / 1P
Butt bonded thermocouples
logo
National Instruments Co...
USB-9211A NI-USB-9211A Datasheet
97Kb / 2P
Portable USB-Based DAQ for Thermocouples
logo
MORNSUN Science& Techno...
TC100PI MORNSUN-TC100PI Datasheet
516Kb / 4P
Thermocouples Isolation Safety Barrier
TC100PI-EX MORNSUN-TC100PI-EX Datasheet
380Kb / 4P
Thermocouples Isolation Safety Barrier
TC100PI-EX-SP MORNSUN-TC100PI-EX-SP Datasheet
390Kb / 4P
Thermocouples Isolation Safety Barrier
logo
PHOENIX CONTACT
2902055 PHOENIX-2902055 Datasheet
461Kb / 19P
Temperature transducers for thermocouples
logo
TT Electronics.
DS3010 TTELEC-DS3010 Datasheet
1Mb / 2P
Temperature Brearley Mineral Insulated Thermocouples
logo
List of Unclassifed Man...
5SRTC ETC-5SRTC Datasheet
537Kb / 2P
Ready-Made Insulated Thermocouples
logo
Omega Engineering, Inc.
M12CM OMEGA-M12CM Datasheet
741Kb / 5P
M12 Cables with Compensated Connectors for Thermocouples
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com