Electronic Components Datasheet Search
  English  ▼

X  

29348 Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # 29348
Description  Micro-capsule moisture resistant platinum
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

29348 Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  29348 Datasheet HTML 1Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P R E C I S I O N
I N
E L E C T R O N I C S
© Rhopoint Components Ltd, Hurst Green, Oxted, Surrey, RH8 9AX, UK
T +44 (0) 870 608 1188 sales@rhopointcomponents.com www.rhopointcomponents.com
• Flexible, tough and durable
• Fast response
• Temperature range -200˚C to 350˚C
• Long-term stability better than 0.05˚C (0.02R) per 5 years
Micro-capsule moisture resistant platinum RTD 29300 series
TECHNICAL DATASHEET
TEMPERATURE SENSORS
These ready to use platinum RTD micro-capsules have a super fast response
time and feature two insulated lead wires welded and anchored internally.
This construction assures reliable rugged embedment, insertion or probe
assembly.
29326 – Ceramic case with Kapton leads
15.24
0.7
2.2
15.24
0.5
1.7
29348 – Stainless steel tube with Teflon leads
Resistance
100R @ 0˚C
Accuracy
±0.12R
Stability
0.05˚C per 5 years
Temperature range (29348)
-50˚C to 200˚C
Temperature range (29326)
-200˚C to 350˚C
Self heating
>15mW/˚C mounted
Time constant (29348)
0.4 seconds
Time constant (29326)
0.6 seconds
Lead length
300mm
Specifications


Similar Part No. - 29348

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
29348 KEYSTONE-29348 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
More results

Similar Description - 29348

ManufacturerPart #DatasheetDescription
logo
Silonex Inc.
NSL-32SR3 SILONEX-NSL-32SR3 Datasheet
38Kb / 1P
Compact, moisture resistant package
logo
Vishay Siliconix
RCWPMR VISHAY-RCWPMR Datasheet
97Kb / 4P
Thick Film Chip Resistors, Industrial, Moisture Resistant
21-Feb-14
logo
API Delevan
NSL-37-004 API-NSL-37-004 Datasheet
109Kb / 1P
Compact, moisture resistant package
NSL-37-034 API-NSL-37-034 Datasheet
109Kb / 1P
Compact, moisture resistant package
logo
STMicroelectronics
SD4933MR STMICROELECTRONICS-SD4933MR Datasheet
667Kb / 20P
50 V moisture resistant DMOS transistor for ISM applications
22-May-2013
logo
ZF Friedrichshafen AG
E72 ZFSWITCHES-E72 Datasheet
2Mb / 2P
Moisture resistant
logo
3M Electronics
314 3M-314 Datasheet
62Kb / 2P
Self-Stripping Moisture Resistant
804 3M-804 Datasheet
533Kb / 2P
Scotchlok™ Moisture Resistant Self-Stripping Electrical Tap Connector 804
logo
Stackpole Electronics, ...
HDM SEI-HDM Datasheet
411Kb / 6P
Moisture Resistant Carbon Film Resistor
10/22/2020
RNCS SEI-RNCS Datasheet
449Kb / 7P
Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com