Electronic Components Datasheet Search
  English  ▼

X  

TK65018MITL Datasheet(PDF) 5 Page - TOKO, Inc

Part # TK65018MITL
Description  CMOS SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK65018MITL Datasheet(HTML) 5 Page - TOKO, Inc

  TK65018MITL Datasheet HTML 1Page - TOKO, Inc TK65018MITL Datasheet HTML 2Page - TOKO, Inc TK65018MITL Datasheet HTML 3Page - TOKO, Inc TK65018MITL Datasheet HTML 4Page - TOKO, Inc TK65018MITL Datasheet HTML 5Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ADVANCED INFORMATION
January 1999 TOKO, Inc.
Page 5
TK65018
0.95
0.95
0.32
e
e
M
0.1
(3.4)
3.3
2.2
0.4
0.95
0.95
e
e
0.6
Recommended Mount Pad
123
4
5
6
0.4
M
0.1
Marking
+0.15
- 0.05
+0.15
- 0.05
+ 0.3
Dimensions are shown in millimeters
Tolerance: x.x =
± 0.2 mm (unless otherwise specified)
Voltage Code
Product Code
5 PL
3.5
+0.3
- 0.1
Marking Information
Marking
TK65018
xxx
SOT-23L-6
PACKAGE OUTLINE
Printed in the USA
© 1999 Toko, Inc.
All Rights Reserved
TOKO AMERICA REGIONAL OFFICES
Toko America, Inc. Headquarters
1250 Feehanville Drive, Mount Prospect, Illinois 60056
Tel: (847) 297-0070
Fax: (847) 699-7864
IC-xxx-TK65018
0798O0.0K
Visit our Internet site at http://www.tokoam.com
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture of its
products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or other rights of
third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
Western Regional Office
Toko America, Inc.
2480 North First Street , Suite 260
San Jose, CA 95131
Tel: (408) 432-8281
Fax: (408) 943-9790
Midwest Regional Office
Toko America, Inc.
1250 Feehanville Drive
Mount Prospect, IL 60056
Tel: (847) 297-0070
Fax: (847) 699-7864
Eastern Regional Office
Toko America, Inc.
107 Mill Plain Road
Danbury, CT 06811
Tel: (203) 748-6871
Fax: (203) 797-1223
Semiconductor Technical Support
Toko Design Center
4755 Forge Road
Colorado Springs, CO 80907
Tel: (719) 528-2200
Fax: (719) 528-2375



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com