Electronic Components Datasheet Search
  English  ▼

X  

BS170 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BS170
Description  TMOS FET Switching(N-Channel-Enhancement)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BS170 Datasheet(HTML) 2 Page - Motorola, Inc

  BS170 Datasheet HTML 1Page - Motorola, Inc BS170 Datasheet HTML 2Page - Motorola, Inc BS170 Datasheet HTML 3Page - Motorola, Inc BS170 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BS170
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 1. Switching Test Circuit
20 dB
50
Ω ATTENUATOR
PULSE GENERATOR
+25 V
Vin
40 pF
1.0 M
Ω
50
Ω
125
Ω
50
Ω
Vout
TO SAMPLING SCOPE
50
Ω INPUT
OUTPUT
INVERTED
INPUT
PULSE
WIDTH
10%
50%
10%
90%
90%
toff
ton
Figure 2. Switching Waveforms
RESISTIVE SWITCHING
(Vin Amplititude 10 Volts)
Vin
Vout
2.0
1.6
1.2
0.8
0.4
0
50
150
050
100
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN – TO–SOURCE VOLTAGE (VOLTS)
0.8
0.4
1.2
2.0
1.6
1.0
2.0
3.0
4.0
0
VDS, DRAIN – TO–SOURCE VOLTAGE (VOLTS)
0.8
0.4
1.2
1.6
2.0
010
20
30
VDS, DRAIN – TO–SOURCE VOLTAGE (VOLTS)
010
20
30
40
50
60
40
20
80
100
40
60
Figure 3. VGS(th) Normalized versus Temperature
Figure 4. On–Region Characteristics
Figure 5. Output Characteristics
Figure 6. Capacitance versus
Drain–To–Source Voltage
VGS = 10 V
VGS = 0 V
Ciss
Coss
Crss
9.0 V
8.0 V
7.0 V
6.0 V
5.0 V
4.0 V
VDS = VGS
ID = 1.0 mA
VGS = 10 V
9.0 V
8.0 V
7.0 V
6.0 V
5.0 V
4.0 V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com