Electronic Components Datasheet Search
  English  ▼

X  

ITH03FPR20SZ Datasheet(PDF) 1 Page - Glenair, Inc.

Part # ITH03FPR20SZ
Description  Box Mount Receptacle Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

ITH03FPR20SZ Datasheet(HTML) 1 Page - Glenair, Inc.

  ITH03FPR20SZ Datasheet HTML 1Page - Glenair, Inc. ITH03FPR20SZ Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
12
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
U.S. CAGE Code 06324
L2
D1
L3
F
L1 (R)
L1 (A)
E
L4
D2 (FF)
D2 (FP)
Application Notes:
1. Box mount receptacle connector with square flange for front or rear panel mounting. Optional threaded or
through mounting holes.
2. Environmental class A (non-environmental) not supplied with grommet; Class R (environmental) supplied with
grommet.
3. Standard shell materials configuration consists of aluminum alloy with cadmium free conductive plating and
black passivation.
4. Standard contact material consists of copper alloy with gold plating.
5. A broad range of other front and rear connector accessories are available.
See our website and/or contact the factory for complete information.
6. Standard insert material is Low fire hazard plastic UL94V0, IAW Article 3,
ITH 03FF A and ITH 03FP A
ITH 03FF R and ITH 03FP R
Box Mount Receptacle Connector
for Rear Panel Mounting
ITH = Plastic Insert and Standard
Contacts (See Notes #4, 6)
03FF = Rear Mounting Receptacle
with Threaded Holes
03FP = Rear Mounting Receptacle
with Through Holes
Environmental Class
A - Non-Environmental
R - Environmental
ITH 03FF A 28-21 P Y XXX
Mod Code Option (See Table II)
Alternate Insert Rotation (W, X, Y, Z)
Omit for Normal (See Page 6)
Contact Gender
P - Pin
S - Socket
Shell Size and Insert Arrangement
(See Page 7)


Similar Part No. - ITH03FPR20SZ

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITH030A18PW GLENAIR-ITH030A18PW Datasheet
615Kb / 2P
Rear Box Mount Receptacle with Accessory Backshell
ITH030A18PX GLENAIR-ITH030A18PX Datasheet
615Kb / 2P
Rear Box Mount Receptacle with Accessory Backshell
ITH030A18PY GLENAIR-ITH030A18PY Datasheet
615Kb / 2P
Rear Box Mount Receptacle with Accessory Backshell
ITH030A18PZ GLENAIR-ITH030A18PZ Datasheet
615Kb / 2P
Rear Box Mount Receptacle with Accessory Backshell
ITH030A18SW GLENAIR-ITH030A18SW Datasheet
615Kb / 2P
Rear Box Mount Receptacle with Accessory Backshell
More results

Similar Description - ITH03FPR20SZ

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
257-288 GLENAIR-257-288 Datasheet
176Kb / 2P
Box Mount Hermetic Receptacle
logo
Tyco Electronics
013133-000 MACOM-013133-000 Datasheet
355Kb / 3P
CONNECTOR, RECEPTACLE, BOX MOUNT
logo
Glenair, Inc.
232-100-H2 GLENAIR-232-100-H2 Datasheet
257Kb / 1P
Box Mount Hermetic Receptacle
233-100-H2 GLENAIR-233-100-H2 Datasheet
252Kb / 1P
Box Mount Hermetic Receptacle
234-100-H2 GLENAIR-234-100-H2 Datasheet
248Kb / 1P
Box Mount Hermetic Receptacle
250-013 GLENAIR-250-013 Datasheet
260Kb / 2P
Threaded Coupling Box Mount Receptacle Connector
250-015 GLENAIR-250-015 Datasheet
267Kb / 2P
Threaded Coupling Box Mount Receptacle Connector
D38999-21 GLENAIR-D38999-21 Datasheet
222Kb / 1P
Box Mount Hermetic Receptacle
D38999-41 GLENAIR-D38999-41 Datasheet
220Kb / 1P
Box Mount Hermetic Receptacle
MS27476 GLENAIR-MS27476 Datasheet
196Kb / 1P
Box Mount Hermetic Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com