Electronic Components Datasheet Search
  English  ▼

X  

ITH03FPR32SZ Datasheet(PDF) 2 Page - Glenair, Inc.

Part # ITH03FPR32SZ
Description  Box Mount Receptacle Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

ITH03FPR32SZ Datasheet(HTML) 2 Page - Glenair, Inc.

  ITH03FPR32SZ Datasheet HTML 1Page - Glenair, Inc. ITH03FPR32SZ Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
13
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
U.S. CAGE Code 06324
TABLE I: DIMENSIONS
ITH 03FF A and ITH 03FP A
ITH 03FF R and ITH 03FP R
Box Mount Receptacle Assembly
for Rear Panel Mounting
Book1
D1
E
L2
L3
L4
Shell Size
+0
FF
FP
F thread
A
R
+0.4
-0.15
H13
±0.3
±0.3
-0
18
30.8
M4
3.2
27.0
1.0000 - 20UNEF
50.0
58.0
23.05
4.0
35.0
20
34.2
M4
3.2
29.4
1.1250 - 18UNEF
50.0
58.0
23.05
4.0
38.0
22
37.4
M4
3.2
31.8
1.2500 - 18UNEF
50.0
58.0
23.05
4.0
41.0
24
40.9
M4
3.7
34.9
1.3750 - 18UNEF
50.0
58.0
23.05
4.0
44.5
28
46.7
M5
3.7
39.7
1.6250 - 18UNEF
50.0
58.0
24.05
4.0
50.8
32
53.4
M5
4.3
44.5
1.8750 - 16UN
50.0
58.0
24.05
4.0
57.0
36
59.6
M5
4.3
49.2
2.0625 - 16UN
50.0
58.0
24.05
4.0
63.5
40
65.5
M5
4.3
55.5
2.3125 - 16UN
50.0
58.0
24.05
4.0
69.9
D2
±0.3
±0.1
±0.2
L1
Pagina 1
CONTACT OPTIONS
Sym Description
B0
Connector less contacts
Omit for standard version (Gold Plated
Copper Alloy Contacts Supplied)
FINISH OPTIONS
Sym Description
F2
Bright Nickel Plating
F6
Black Electrodeposited Paint
F8
Olive Drab Zn-Co Plating
Omit for standard version
(Cad free / black passivation Finish)
TABLE II: MODIFICATION CODES



Html Pages

1 2