Electronic Components Datasheet Search
  English  ▼

X  

ADC180 Datasheet(PDF) 2 Page - RHOPOINT COMPONENTS

Part # ADC180
Description  Programmable Integrating A/D Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

ADC180 Datasheet(HTML) 2 Page - RHOPOINT COMPONENTS

  ADC180 Datasheet HTML 1Page - RHOPOINT COMPONENTS ADC180 Datasheet HTML 2Page - RHOPOINT COMPONENTS ADC180 Datasheet HTML 3Page - RHOPOINT COMPONENTS ADC180 Datasheet HTML 4Page - RHOPOINT COMPONENTS ADC180 Datasheet HTML 5Page - RHOPOINT COMPONENTS ADC180 Datasheet HTML 6Page - RHOPOINT COMPONENTS ADC180 Datasheet HTML 7Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ELECTRICAL SPECIFICATIONS
MODEL
PARAMETER
ACCURACY
TEMPERATURE STABILITY
TIME STABILITY
ERROR ALL SOURCES
CONVERSION TIME
WARM-UP TIME
TEMPERATURE RANGE
DIGITAL OUTPUTS
DIGITAL INPUTS
POWER SUPPLY CURRENTS
POWER SUPPLY VOLTAGES
ANALOG INPUT CHARACTERISTICS
POWER SUPPLY REJECTION
Resolution
Input Equivalent Noise
Offset without Auto Zero
Offset with Auto Zero
Scale Factor Error
Noise (.1-10Hz) @ 10V
Nonlinearity
Normal Mode Rejection
Common Mode Rejection
Offset
Full Scale
Offset
Full Scale
MIN
MAX
TYP
MIN
MAX
TYP
MIN
MAX
TYP
ADC180C
ADC180CA
ADC180M
bits
µV
ppm FS
ppm FS
ppm FS
µVpp
ppm FS
dB
dB
.25
6
1
*
*
*
*
*
*
*
*
*
*
60
80
*
*
*
*
0.2
0.1
*
1.0
0.5
*
ppm/o C
ppm/o C
0.1
2
ppm/24 hrs.
ppm/month
.0005, 2
.0003, 2
%, +/- counts
24 hrs, +/- 1 Deg. C Amb.
90 days, +/- 5 Deg. C Amb.
1 year, +/- 5 Deg. C Amb.
.0010, 2
.0008, 2
*
.0015, 2
.0013, 2
%, +/- counts
%, +/- counts
*
*
ms
*
5
*
**
minutes
+Vcc, -Vee
5 VDC
80
80
**
dB
**
dB
Low
High
Low
High
-25
85
*
*
-55
125
V
V
V
V
0.8
*
*
4.0
**
4.0
**
0.8
**
+Vcc
23
**
mA
-Vee
24
**
mA
+Vdd
42
**
mA
+Vcc
-Vee
+Vdd
+14.5
+15
+15.5
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
V
-14.5
-15
-15.5
V
+4.5
+5
+5.5
V
Input Range
-10.485760
+10.485755
3
*
*
*
*
*
*
*
*
V
Bias Current
1.2
**
nA
Input Impedance
Max. Input Voltage
200
**
GΩ
2
0.5
50
*
* Same as ADC180C
Notes:
1) 60 Cycle
2) ( Max-Min Value) - Noise(0.1-10Hz)
ADC180
(Vcc = +15V, Vee = -15V, Vdd = + 5V, TA = +25oC)
*
*
*
*
4
1
100
2
(1)
o
C
(2)
26
*
*
3200
0.250
*
*
13
*
*
ADC180DS REV I FEB 05
V
-Vee
+Vcc



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com