Electronic Components Datasheet Search
  English  ▼

X  

310FS001C Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 310FS001C
Description  O-Ring Sealed Shrink Boot Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

310FS001C Datasheet(HTML) 2 Page - Glenair, Inc.

  310FS001C Datasheet HTML 1Page - Glenair, Inc. 310FS001C Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 310 - Page 3
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
F Max
.940 (23.9)
.940 (23.9)
.940 (23.9)
.940 (23.9)
.940 (23.9)
.940 (23.9)
.940 (23.9)
.940 (23.9)
.940 (23.9)
.940 (23.9)
1.005 (25.5)
A-F-J-L-S
08
10
12
14
16
18
20
22
24
28
32
G-H
09
11
13
15
17
19
21
23
25
29
33
E Max
.533 (13.5)
.605 (15.4)
.774 (19.7)
.838 (21.3)
.963 (24.5)
1.042 (26.5)
1.217 (30.9)
1.355 (34.4)
1.443 (36.7)
1.709 (43.4)
1.919 (48.7)
1. See Shrink Boot Reference Information (page 40).
2. Metric dimensions (mm) are indicated in parentheses.
3. O-Rings not supplied with drain hole option.
4. O-Rings not supplied with Connector Designators A and G.
See inside back cover fold-out or pages 13 and 14 for unabridged Tables I and II.
* Raychem Shrink Boot Supplied with "T" Option
(see Part Number Development)
Shrink Boot *
202K121-25-0
202K121-25-0
202K121-25-0
202K121-25-0
202K132-25-0
202K142-25-0
202K142-25-0
202K153-25-0
202K163-25-0
202K174-25-0
202K174-25-0
Cable Entry
Min.
.250
(6.4)
.355
(9.0)
.491 (12.5)
.565 (14.4)
.690 (17.5)
.769 (19.5)
.894 (22.7)
1.019 (25.9)
1.134 (28.8)
1.369 (34.8)
1.615 (41.0)
TABLE III: CABLE ENTRY AND SHRINK BOOT
G
Max
.639 (16.2)
.664 (16.9)
.688 (17.5)
.705 (17.9)
.732 (18.6)
.748 (19.0)
.773 (19.6)
.800 (20.3)
.823 (20.9)
1.041 (26.4)
1.092 (27.7)
H
Max
.810 (20.6)
.840 (21.3)
.860 (21.8)
.890 (22.6)
.910 (23.1)
.920 (23.4)
.940 (23.9)
.980 (24.9)
1.010 (25.7)
1.180 (30.0)
1.370 (34.8)
Shell Size - Conn. Desig.
J
Max
.750 (19.1)
.810 (20.6)
.870 (22.1)
.920 (23.4)
.980 (24.9)
1.020 (25.9)
1.080 (27.4)
1.140 (29.0)
1.200 (30.5)
1.480 (37.6)
1.610 (40.9)
K
Max
.920 (23.4)
.980 (24.9)
1.040 (26.4)
1.110 (28.2)
1.170 (29.7)
1.190 (30.2)
1.250 (31.8)
1.330 (33.8)
1.400 (35.6)
1.640 (41.7)
1.880 (47.8)
A-F-L-S
08
10
12
14
16
18
20
22
24
28
32
H
09
11
13
15
17
19
21
23
25
29
33
TABLE IV: DIMENSIONS
Shell Size - Conn. Desig.
310-001
O-Ring Sealed Shrink Boot Adapter
Rotatable Coupling - Standard Profile
Now Available
with the “NESTOR”
Glenair’s Non-Detent,
Spring-Loaded, Self-
Locking Coupling.
Add “-445” to Specify
This AS85049 Style “N”
Coupling Interface.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com