Electronic Components Datasheet Search
  English  ▼

X  

B10 Datasheet(PDF) 2 Page - RHOPOINT COMPONENTS

Part # B10
Description  RF Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

B10 Datasheet(HTML) 2 Page - RHOPOINT COMPONENTS

  B10 Datasheet HTML 1Page - RHOPOINT COMPONENTS B10 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
41
RHOPOINT COMPONENTS LTD Email: sales@rhopointcomponents.com Web: www.rhopointcomponents.com
B10 RF Relays
NOTES:
1All parameters specified per EIA/NARM standards
for dry reed relays, # RS-421 and RS-436, if a
suitable parametric standard exists.
2Unless otherwise noted, all parameters are specified
at 25°C and 40% RH.
3Life expectancies based on characteristic life
(63.2% failure) calculated from the 2-parameter
Weibull distribution. Contact resistance >2.0
Ω
defines end of life.
4Frequency at which the difference between output
and input signal amplitude exceeds -3dB. (Direct
wired using 50
Ω coaxial cable.)
ENVIRONMENTAL RATINGS:
Storage Temperature: -35°C to +100°C.
Operating Temperature: -20°C to +85°C.
Vibration: sinusoidal vibration with an amplitude of
10G over a 10Hz to 2000Hz frequency range shall
not cause a closed channel activated at the nominal
coil voltage to open, not an open channel to close.
Max Soldering Temperature: 226°C (438°F) max for
1 minute dwell time. Temperature measured at a
relay ball termination.
B10
Test Parameters
Conditions
1,2
Min
Typ
Max
Units
Coil Resistance
49.5
55.0
60.5
Ω
Nominal Voltage
3.3V Coil
5.0
4.0
Volts DC
Must Operate Voltage
2.4
Volts DC
Must Release Voltage
0.4
Volts DC
Coil Resistance
135.0
150.0
165.0
Ω
Nominal Voltage
5V Coil
5.0
6.0
Volts DC
Must Operate Voltage
3.8
Volts DC
Must Release Voltage
0.4
Volts DC
Switching Voltage
Max DC/Peak AC
125
Volts
Switching Current
0.25
Amps
Carry Current (Continuous)
Switch and Shield
0.5
Amps
Contact Rating (Resistive Load)
Resistive Load
3.0
Watts
Life Expectancy
Signal Switching
3
1VDC / 10mA
1000
x 10
6 Ops
Resistive Load
3
12VDC / 10mA
1
x 10
6 Ops
Other Load Conditions
3
Consult Factory
Static Contact Resistance (initial)
0.05VDC / 10mA
0.125
Ω
Dynamic Contact Resistance (initial)
0.5V / 50mA 100 Hz, 1.5 mSec
0.150
Ω
Insulation Res
All Isolated Pins
100VDC
10!
10
10
12
Ω
Capacitance
Across Contacts
Shield Guarding
0.2
pF
Capacitance
Open Contact to Coil
Shield Guarding
0.5
pF
Capacitance
Closed Contact to Coil
Shield Guarding
1
pF
Across Contacts
100 µA
150
V (DC/Pk AC)
Dielectric
Contact to Coil
100 µA
1500
V (DC/Pk AC)
Strength
Contact to Shield
100 µA
1500
V (DC/Pk AC)
Operate Time
(including bounce)
Nominal Voltage coil drive @ 30 Hz,
100
200
µSec
Release Time
(Si diode damped)
square wave
30
50
µSec
RF Insertion Loss
4
-3 dB roll-off frequency
10.0
GHz
Signal Rise Time (10% - 90%)
Corrected for measurement
40
pSec
system response time



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com