Electronic Components Datasheet Search
  English  ▼

X  

NS346C Datasheet(PDF) 2 Page - Micronetics, Inc.

Part # NS346C
Description  CALIBRATED NOISE SOURCE SERIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

NS346C Datasheet(HTML) 2 Page - Micronetics, Inc.

  NS346C Datasheet HTML 1Page - Micronetics, Inc. NS346C Datasheet HTML 2Page - Micronetics, Inc. NS346C Datasheet HTML 3Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NS 346 CALIBRATED NOISE SOURCE SERIES
Calibration data consists of Excess
Noise Ratio (ENR) at cardinal frequency
points across the spectrum of the device
according to Table 1
TABLE 1
Frequency (GHz)
0.01
0.10
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
9.00
10.00
11.00
12.00
How to Order
13.00
14.00
15.00
N S 3 4 6 X - X
16.00
17.00
Model (see chart)
18.00
19.00
Connector Type
20.00
1: Type N (m) connector
21.00
2: APC 3.5 mm connector
22.00
23.00
24.00
25.00
26.00
26.50
NS346A, B, D are only
calibrated to 18 GHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com