Electronic Components Datasheet Search
  English  ▼

X  

BSP19AT1 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BSP19AT1
Description  SOT.223 PACKAGE NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BSP19AT1 Datasheet(HTML) 2 Page - Motorola, Inc

  BSP19AT1 Datasheet HTML 1Page - Motorola, Inc BSP19AT1 Datasheet HTML 2Page - Motorola, Inc BSP19AT1 Datasheet HTML 3Page - Motorola, Inc BSP19AT1 Datasheet HTML 4Page - Motorola, Inc BSP19AT1 Datasheet HTML 5Page - Motorola, Inc BSP19AT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BSP19AT1 BSP20AT1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (continued) (TA = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
BSP19A
(IC = 1.0 mAdc, IB = 0)
BSP20A
V(BR)CEO
350
250
—
—
Vdc
Collector-Base Cutoff Current
(VCB = 400 Vdc, IE = 0)
BSP19A
(VCB = 300 Vdc, IE = 0)
BSP20A
ICBO
—
—
20
20
nAdc
Emitter-Base Cutoff Current
(VEB = 5.0 Vdc, IC = 0)
IEBO
—
10
µAdc
ON CHARACTERISTICS (2)
DC Current Gain
(IC = 20 mAdc, VCE = 10 Vdc)
hFE
40
—
—
Current-Gain — Bandwidth Product
(IC = 10 mAdc, VCE = 10 Vdc, f = 5.0 MHz)
fT
70
—
MHz
Collector-Emitter Saturation Voltage
(IC = 50 mAdc, IB = 4.0 mAdc)
VCE(sat)
—
0.5
Vdc
Base-Emitter Saturation Voltage
(IC = 50 mAdc, IB = 4.0 mAdc)
VBE(sat)
—
1.3
Vdc
2. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle = 2.0%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com