Electronic Components Datasheet Search
  English  ▼

X  

WNB100FE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # WNB100FE
Description  Miniature Molded Wirewound
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

WNB100FE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  WNB100FE Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
14
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
15
WH/WN Series
Miniature Molded Wirewound
F E A T U R E S
• WHM, UltraHigh ohmic value
precision series,
• WNM, Aryton Perry winding Non-
Inductive available.
Inductance <1nH at 1MHZ test,
• Designed to meet the most strin-
gent MIL-R-26F, MIL-STD-202
standard requirements
• Miniaturized Better power to
dimension ratios
• Use of the highest quality stan-
dard (96% Alumina) ceramic
core
• Manufacturing process -Wire
winding/ Spot Welding- by
Computer Numerical Control
(CNC) machine tools to ensure
consistency of product quality.
• Encapsulated by epoxy molding
compound
• Advanced IC encapsulation
mold/die technologies
Power
Resistance
Rating
Range
Dim. L
Dim. D
Dim. d
Type
(watts)
(Ω)
(mm/in)
(mm/in)
(mm/in)
WHA
0.5
0.100 - 1.0K 5.08 / 0.200 2.54 / 0.100
0.60 / 0.024
WNA
0.100 - 250
WHB
1
0.100 - 4.0K 7.00 / 0.276 3.00 / 0.120
0.60 / 0.024
WNB
0.100 - 1.0K
WHC
2
0.10 - 8.0K
11.4 / 0.450 6.86 / 0.270
0.80 / 0.031
WNC
0.10 - 2.0K
S P E C I F I C A T I O N S
Material
Ceramic Core: CeramTec
Rubalit® 96% alumina
End Caps: Stainless steel, preci-
sion formed
Leads: Copper wire,100% Sn
(lead free) coated
ISAOHM alloy resistance wire
TC+/-20ppm/°C
Encapsulation: SUMICON 1100/
1200 Epoxy molding compound
for IC encapsulation
Electrical
Standard Tolerance: F (1.0%),
J (5.0%)
Temperature Coefficient
(ppm/°C):
±90 for 0.100Ω
±20 for >0.100Ω
Maximum Working Voltage:
(PxR)1/2
Derating: Linearly from
100% @ +70°C to
0% @ +150°C.
Operating Temp: -55°C to
+150°C
P E R F O R M A N C E C H A R A C T E R I S T I C S
Test
Conditions of Test
Performance
Thermal Shock
Rated power applied until thermal stability,
-55°C +0°C,-5°C,15min.
±0.2%
Short-time Overload 5 times rated wattage for 5 seconds
±0.2%
Solderability
Method 208 of MIL-STD-202
±0.2%
Terminal Strength
Pull test:10 pounds, 5 to10 seconds, Twist
test: 1080°,5 second/rotation
±0.1%
Dielectric
Withstanding Voltage
500Volts rms for 1W, 2W 1000Volts rms.
1 minute
±0.1%
High Temperature
Exposure
Exposed to an ambient temperature of 275
+5/-0°C for 250 ±8 hours,
±0.5%
Moisture Resistance MIL-STD-202 Method 106, 7b not applicable ±0.2%
Low Temperature
Storage
Cold chamber at a temperature of -65 ±2°C
for 24+/-4 hours
±0.2%
Vibration, High
Frequency
Frequency varied 10 to 2000Hz, 200G peak,
2 directions 6 hours each
±0.1%
Load Life
1000/2000 hours at rated power, +25°C, 1.5
hours “On”, 0.5 hours “Off”
±0.5%
O R D E R I N G I N F O R M A T I O N
L
D
0.984 /
25
d
�
�
� � � � � � � � � �
Series
Ohms
Power
A = 0.5
B = 1
C = 2
Tolerance
F = 1%
J = 5%
Package
T = Tape
blank = 25pc Pack
RoHS compliant
H = Inductive
N = Non Inductive
S T A N D A R D P A R T N U M B E R S F O R W H / W N S E R I E S
Wattage:
0.5
0.5
1.0
1.0
2.0
2.0
Series:
WHA
WNA
WHB
WNB
WHC
WNC
Ohms
0.1
WHAR10FE
WNAR10FE
WHBR10FE
WNBR10FE
WHCR10FE
WNCR10FE
0.25
WHAR25FE
WNAR25FE
WHBR25FE
WNBR25FE
WHCR25FE
WNCR25FE
0.50
WHAR50FE
WNAR50FE
WHBR50FE
WNBR50FE
WHCR50FE
WNCR50FE
0.75
WHAR75FE
WNAR75FE
WHBR75FE
WNBR75FE
WHCR75FE
WNCR75FE
1
WHA1R0FE
WNA1R0FE
WHB1R0FE
WNB1R0FE
WHC1R0FE
WNC1R0FE
2
WHA2R0FE
WNA2R0FE
WHB2R0FE
WNB2R0FE
WHC2R0FE
WNC2R0FE
4
WHA4R0FE
WNA4R0FE
WHB4R0FE
WNB4R0FE
WHC4R0FE
WNC4R0FE
5
WHA5R0FE
WNA5R0FE
WHB5R0FE
WNB5R0FE
WHC5R0FE
WNC5R0FE
10
WHA10RFE
WNA10RFE
WHB10RFE
WNB10RFE
WHC10RFE
WNC10RFE
15
WHA15RFE
WNA15RFE
WHB15RFE
WNB15RFE
WHC15RFE
WNC15RFE
25
WHA25RFE
WNA25RFE
WHB25RFE
WNB25RFE
WHC25RFE
WNC25RFE
51
WHA51RFE
WNA51RFE
WHB51RFE
WNB51RFE
WHC51RFE
WNC51RFE
75
WHA75RFE
WNA75RFE
WHB75RFE
WNB75RFE
WHC75RFE
WNC75RFE
100
WHA100FE
WNA100FE
WHB100FE
WNB100FE
WHC100FE
WNC100FE
150
WHA150FE
WNA150FE
WHB150FE
WNB150FE
WHC150FE
WNC150FE
200
WHA200FE
WNA200FE
WHB200FE
WNB200FE
WHC200FE
WNC200FE
250
WHA250FE
WNA250FE
WHB250FE
WNB250FE
WHC250FE
WNC250FE
330
WHA330FE
WHB330FE
WNB330FE
WHC330FE
WNC330FE
470
WHA470FE
WHB470FE
WNB470FE
WHC470FE
WNC470FE
560
WHA560FE
WHB560FE
WNB560FE
WHC560FE
WNC560FE
750
WHA750FE
WHB750FE
WNB750FE
WHC750FE
WNC750FE
1K
WHA1K0FE
WHB1K0FE
WNB1K0FE
WHC1K0FE
WNC1K0FE
2.5K
WHB2K5FE
WHC2K5FE
K E Y T O F I V E - B A N D C O D E
Band
1
2
3
4
5
Color
Digit
Multiplier
Tolerance
Black
0
0
0
x
1Ω
Brown
1
1
1
x
10Ω
±
1% (F)
Red
2
2
2
x
100Ω
±
2% (G)
Orange
3
3
3
x
1KΩ
Yellow
4
4
4
x
10KΩ
Green
5
5
5
x 100KΩ
± 0.5% (D)
Blue
6
6
6
x
1MΩ
± 0.25% (C)
Violet
7
7
7
x 10MΩ
± 0.10% (B)
Grey
8
8
8
± 0.05%
White
9
9
9
Gold
x
0.1Ω
±
5% (J)
Silver
x 0.01Ω
± 10% (K)
�
�
���
Check product availability at
www.ohmite.com


Similar Part No. - WNB100FE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
WNB100FE OHMITE-WNB100FE Datasheet
305Kb / 2P
Encapsulated by epoxy molding compound
More results

Similar Description - WNB100FE

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NIN NIC-NIN Datasheet
396Kb / 11P
Molded Chip Wirewound Inductors
logo
Superworld Electronics
WI322522 SUPERWORLD-WI322522 Datasheet
264Kb / 6P
MOLDED WIREWOUND CHIP INDUCTORS
WI565050 SUPERWORLD-WI565050 Datasheet
290Kb / 6P
MOLDED WIREWOUND CHIP INDUCTORS
WI252018 SUPERWORLD-WI252018 Datasheet
303Kb / 6P
MOLDED WIREWOUND CHIP INDUCTORS
logo
Ohmite Mfg. Co.
WHC100FET OHMITE-WHC100FET Datasheet
205Kb / 2P
Miniature Molded Wirewound
WHC1K0FET OHMITE-WHC1K0FET Datasheet
305Kb / 2P
Miniature Molded Wirewound
WND10RFET OHMITE-WND10RFET Datasheet
305Kb / 2P
Miniature Molded Wirewound
WNBR50FET OHMITE-WNBR50FET Datasheet
305Kb / 2P
Miniature Molded Wirewound
logo
KOA Speer Electronics, ...
VKL32TTE100J KOA-VKL32TTE100J Datasheet
327Kb / 3P
1210 molded wirewound inductor
logo
Superworld Electronics
WI453232R10MF SUPERWORLD-WI453232R10MF Datasheet
300Kb / 5P
MOLDED WIREWOUND CHIP INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com