Electronic Components Datasheet Search
  English  ▼

X  

TK75002D Datasheet(PDF) 5 Page - TOKO, Inc

Part # TK75002D
Description  ERROR SIGNAL ISOLATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK75002D Datasheet(HTML) 5 Page - TOKO, Inc

  TK75002D Datasheet HTML 1Page - TOKO, Inc TK75002D Datasheet HTML 2Page - TOKO, Inc TK75002D Datasheet HTML 3Page - TOKO, Inc TK75002D Datasheet HTML 4Page - TOKO, Inc TK75002D Datasheet HTML 5Page - TOKO, Inc TK75002D Datasheet HTML 6Page - TOKO, Inc TK75002D Datasheet HTML 7Page - TOKO, Inc TK75002D Datasheet HTML 8Page - TOKO, Inc TK75002D Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
January 1999 TOKO, Inc.
Page 5
TK75002
PIN DESCRIPTION
V
CC
PIN
This pin is connected to the supply voltage. The operation
of the IC is enabled when the supply voltage exceeds
4.1 V, which is the upper threshold of the undervoltage
lockout circuit. The operation is disabled when the supply
voltage drops below 3.98 V.
GND PIN
This pin provides ground return for the IC.
DRV PIN
This pin drives the first terminal of the primary winding of
the external pulse transformer using pulse-amplitude
modulation (PAM). The second terminal of the primary
winding is connected to the V
CC pin. When the DRV pin is
low, an internal NPN transistor (the PAM switch) is turned
on and sinks an increasing current from the supply voltage
through the primary winding. The PAM switch is turned off
when the current reaches approximately 55 mA. The PAM
switch is turned on again when the transformer is reset
through the internal free-wheeling diode.
INV PIN
The INV pin is the inverting input of the error amplifier. The
non-inverting input of the error amplifier is connected to an
internal 1.35 V precision reference source.
COMP PIN
The COMP pin is the output of the error amplifier. The
frequency compensation feedback network is connected
between the COMP and INV pins. Internally, the COMP pin
drives the inverting input of a level shifter stage. The roles
of the level shifter are to change (1) the reference point of
the error signal from the GND pin to the V
CC pin (necessary
to avoid the parasitic zero in the transfer function caused
by feed-forward through the supply) and (2) the signal
polarity (necessary for start-up of the converter system in
case the reference point was changed). The parasitic zero
is discussed in the "Application Information" section.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com